FRT-50-R/Q
AI

The **FRT-50-R/Q** is a high-performance **Fast Recovery Diode** (specifically a Rectifier Diode) typically used in high-frequency power switching applications. It is designed to minimize power loss and improve efficiency in power supplies.
---
### 1. Key Technical Specifications
The "FRT" series generally follows a standard naming convention where the numbers represent voltage or current ratings.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Fast Recovery Rectifier Diode |
| **Forward Current ($I_F$)** | ~50 Amperes (High power capacity) |
| **Peak Reverse Voltage ($V_{RRM}$)** | Usually rated for 600V - 1000V (Application dependent) |
| **Reverse Recovery Time ($t_{rr}$)** | Fast (< 100ns to 500ns) |
| **Package Style** | Often found in TO-247 or Module formats |
---
### 2. Functional Characteristics
The "R" and "Q" suffixes usually denote specific engineering enhancements:
* **Fast Recovery:** Unlike standard diodes, this part can switch from an "on" state to an "off" state very quickly. This reduces the "switching loss" that occurs when the diode is transitioning.
* **Low Forward Voltage Drop ($V_F$):** Designed to have minimal resistance when conducting, which prevents the component from overheating.
* **High Surge Current:** Capable of handling brief spikes in electrical current without failing.
---
### 3. Common Applications
Due to its high speed and current handling, the FRT-50-R/Q is commonly found in:
1. **Inverters:** Converting DC to AC in solar power systems.
2. **SMPS (Switching Mode Power Supplies):** Used in the output rectification stage.
3. **DC-DC Converters:** Essential for voltage regulation in industrial equipment.
4. **Welding Machines:** Handling high-current rectification for arc stability.
---
### 4. Circuit Symbol and Installation
The component acts as a "one-way valve" for electricity. When installing, ensure the **Cathode** (usually marked with a band or specific pinout) is oriented correctly according to the circuit schematic.
```mermaid
graph LR
A[Anode +] -->|Current Flow| B(Diode) --> C[Cathode -]
```
---
- ⤷What are the specific voltage ratings for the 'Q' versus 'R' variants?
- ⤷ Can you provide the pinout diagram for the TO-247 version of this part?
- ⤷ What are the recommended heat sink requirements for a 50A load?