AI

The **FRT-E2-R/Q** refers to a high-performance, compact rotary damper manufactured by **Fuji Latex**. These components are widely used in the electronics and automotive industries to provide smooth, controlled opening and closing motions for lids, drawers, and covers.
---
### 1. Technical Specifications
The "R" and "Q" designations typically refer to the gear type or the torque directionality.
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Rotary Vane Damper |
| **Torque Range** | Typically 0.20 to 0.50 N·m (Newton meters) |
| **Rotation Angle** | 110° (Standard for E2 series) |
| **Operating Temp** | -10°C to 60°C |
| **Housing Material** | Polycarbonate (PC) or PBT Plastic |
| **Damping Oil** | Silicone Oil |
---
### 2. Internal Electronic/Mechanical Components
While the device is passive (does not require electricity to operate), its design is critical for electronic enclosures:
* **Rotor:** The central moving part that connects to the hinge.
* **Stator/Body:** The outer shell that stays fixed to the chassis.
* **Silicone Fluid:** A high-viscosity fluid that provides resistance. As the rotor turns, the fluid is forced through narrow gaps, converting kinetic energy into heat.
* **One-way Clutch (Optional):** Some versions (like those indicated by specific suffixes) allow free movement in one direction while providing damping in the opposite direction.
---
### 3. Application in Electronic Devices
These dampers are integrated into the following electronic hardware:
1. **Consumer Electronics:** CD/DVD/Blu-ray player trays, high-end cassette decks, and turntable lids.
2. **Automotive Electronics:** Center console lids, glove boxes, and retractable GPS screens.
3. **Office Equipment:** Printer scanner lids and paper tray slow-release mechanisms.
---
### 4. Part Number Breakdown
The nomenclature usually follows this logic:
| Prefix | Series | Direction/Torque | Gear Code |
| :--- | :--- | :--- | :--- |
| **FRT** | **E2** | **R** (Clockwise) | **Q** (Specific Gear Profile) |
| Fuji Rotary | Compact Size | Or L (Counter-Clockwise) | Pitch/Module of the gear |
---
- ⤷
What is the difference between the R and L versions of the FRT-E2?
- ⤷ How does temperature affect the torque of a silicone-based rotary damper?
- ⤷ What are the mounting requirements for the FRT-E2-R/Q gear?