FRT-F3-R/Q
AI

The **FRT-F3-R/Q** refers to a specific series of high-performance **pressure sensors** (or pressure transducers) commonly used in industrial automation and hydraulic control systems.
Below is a detailed breakdown of its electronic components, specifications, and architecture.
---
### 1. Technical Specifications
The "FRT" series typically employs a thin-film strain gauge or piezoresistive element to convert physical pressure into a measurable electrical signal.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Pressure Transducer / Sensor |
| **Excitation Voltage** | 10V - 30V DC |
| **Output Signal** | 4-20mA (Current) or 0-10V (Voltage) |
| **Pressure Range** | Varies by sub-model (F3 usually indicates a specific scale) |
| **Connector Type** | "R/Q" usually denotes a circular M12 or DIN connector |
| **Response Time** | < 1ms |
| **Accuracy** | ±0.5% to ±0.1% F.S. |
---
### 2. Internal Electronic Parts
The device consists of three primary electronic stages:
#### A. Sensing Element (The Bridge)
* **Strain Gauges:** Usually arranged in a **Wheatstone Bridge** configuration.
* **Substrate:** Often stainless steel with a sputtered thin-film layer to ensure stability under high temperatures.
#### B. Signal Conditioning Circuit
* **Instrumentation Amplifier:** High-precision op-amps that amplify the millivolt signal from the bridge.
* **ASIC (Application Specific Integrated Circuit):** Performs digital compensation for non-linearity and temperature drifts.
* **Filtering:** Capacitors and ferrites to reduce Electromagnetic Interference (EMI).
#### C. Output Stage
* **Voltage Regulator:** Ensures the internal electronics receive steady power despite fluctuations in the input line.
* **Current Loop Driver:** If it is a 4-20mA model, it includes a transistor-based constant current source to drive signals over long distances without voltage drop issues.
---
### 3. Connection Diagram (General)
The electrical interface usually follows standard industrial wiring:
```mermaid
graph LR
A[Power +Vcc] --> B((FRT-F3))
C[Signal Out] --> B
D[Ground/Common] --> B
```
* **Pin 1:** Supply +
* **Pin 2:** Output (Signal)
* **Pin 3:** Common (0V)
* **Pin 4:** Case Ground (Earth)
---
### 4. Application Use Cases
* **Hydraulic Systems:** Monitoring oil pressure in heavy machinery.
* **Pneumatics:** Air pressure regulation in factory lines.
* **Process Control:** Liquid pressure monitoring in chemical or water treatment plants.
---
- ⤷
What are the specific pressure range options for the F3 sub-series?
- ⤷ How does the 'R/Q' suffix affect the physical connector type?
- ⤷ Is the FRT-F3-R/Q compatible with 5V Arduino or PLC logic levels?