FRT-GZ-R
AI

The **FRT-GZ-R** series refers to a specific line of **rotary dampers** (often manufactured by companies like Fuji Latex). These components are mechanical in application but are essential in electronic hardware design for controlling motion.
Below is a breakdown of its electronic-relevant characteristics and specifications.
### 1. Overview of the FRT-GZ-R
A rotary damper provides resistance to a rotating shaft to slow down motion. In electronic devices, these are used to provide a "premium feel" or to protect delicate electronic sensors/screens from slamming.
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Partial Rotation / Continuous Rotation |
| **Damping Direction** | Clockwise (R) or Counter-clockwise (L) |
| **Material** | Polycarbonate (PC) / Polyacetal (POM) |
| **Working Fluid** | Silicone Oil |
| **Operating Temp** | -10°C to 50°C |
---
### 2. Internal Components & Mechanism
While the device is not powered by electricity, its internal design is critical for integration into electronic assemblies:
* **Rotor:** The internal part connected to the gear.
* **Stator:** The outer housing fixed to the device chassis.
* **Silicone Oil:** The viscous fluid that creates the shearing force (torque).
* **Gear Interface:** Typically uses a standardized pitch (e.g., 0.8 module) to interface with motorized or manual electronic drive systems.
---
### 3. Application in Electronics
These parts are ubiquitous in modern consumer electronics. Here are the primary use cases:
#### A. Automotive Infotainment
Used in retractable GPS screens or motorized dashboard covers to ensure smooth, silent deployment.
#### B. Home Appliances
Used in the control panels of washing machines or the "soft-close" lids of smart toilets and ovens to prevent mechanical shock to internal PCB boards.
#### C. Peripheral Hardware
Applied to CD/DVD tray mechanisms or the flip-up covers of high-end audio amplifiers.
---
### 4. Technical Performance Data
The "R" in the model name usually signifies **Clockwise Damping**. Below is a sample torque table for this series:
| Model Code | Torque (N·m) | Gear Teeth Count |
| :--- | :--- | :--- |
| FRT-G2-202G1 | 0.20 ± 0.04 | 11 |
| FRT-G2-302G1 | 0.30 ± 0.05 | 11 |
| **FRT-GZ-R** | **Custom/Variable** | **Varies (11-14)** |
---
### 5. Integration Considerations
When designing an electronic enclosure for this part:
1. **Alignment:** Ensure the gear mesh is precise to avoid skipping, which can cause vibration noise in sensitive electronic housings.
2. **Heat Dissipation:** Although passive, repetitive use generates friction heat in the silicone oil, which may slightly alter the torque (viscosity drops as temperature rises).
3. **Static Control:** Ensure the plastic housing of the damper does not build up a static charge near sensitive ICs.
- ⤷
What is the difference between the R and L versions of the FRT-GZ series?
- ⤷ How does temperature affect the torque output of these dampers?
- ⤷ Can these dampers be used in vertical orientation for electronic lid hinges?