FRTD-R-03-P
AI

The **FRTD-R-03-P** is a specific model identifier for a **Resistance Temperature Detector (RTD)** sensor, typically used in industrial automation and precision thermal monitoring. Based on the nomenclature, this is a Platinum-based sensor (Pt100 or Pt1000) designed for high accuracy and stability.
---
## 1. Electronic Composition & Components
The electronic operation of the FRTD-R-03-P relies on the **Positive Temperature Coefficient (PTC)** of platinum. As the temperature rises, the electrical resistance of the internal element increases in a predictable, linear fashion.
### Key Internal Parts:
| Component | Material/Type | Function |
| :--- | :--- | :--- |
| **Sensing Element** | Platinum (Thin-film or Wire-wound) | The core transducer that changes resistance based on heat. |
| **Substrate** | Ceramic or Glass | Provides a stable base for the platinum film to prevent mechanical stress. |
| **Lead Wires** | Nickel-coated Copper or Silver | Connects the sensing element to the external controller/PLC. |
| **Protective Sheath** | Stainless Steel (304/316) | Protects the fragile electronics from moisture and corrosion. |
| **Internal Insulation** | Magnesium Oxide (MgO) powder | Prevents short-circuiting between the wires and the metal sheath. |
---
## 2. Technical Specifications (Typical)
While specific to the manufacturer (often associated with brands like *FineTek* or *Futaba*), the "03-P" designation usually indicates the following electronic parameters:
* **Sensor Type:** Pt100 (100 $\Omega$ at 0°C).
* **Accuracy Class:** Class A or Class B (IEC 751 standard).
* **Wiring Configuration:** 3-wire system (the "R-03" often denotes a 3-wire lead to compensate for lead-wire resistance).
* **Temperature Range:** Typically -50°C to +250°C (depending on the "P" plastic or probe coating).
---
## 3. Circuit Integration
The FRTD-R-03-P is not a standalone active device; it requires an external excitation current to function.
### Measurement Principle:
1. **Excitation:** A constant current (usually 1mA) is passed through the sensor.
2. **Voltage Drop:** The resistance creates a voltage drop ($V = I \times R$).
3. **Signal Processing:** An Analog-to-Digital Converter (ADC) or a Wheatstone Bridge circuit converts this voltage into a temperature reading.
### Wiring Diagram Logic:
```text
[ Controller ] <---- Wire A (Red) ----> [ Sensor Element ]
<---- Wire B (White) ---> [ Sensor Element ]
<---- Wire C (White) ---> [ Compensation Junction ]
```
*The third wire (C) allows the controller to subtract the resistance of the long cables from the actual sensor measurement.*
---
## 4. Applications
* **HVAC Systems:** Monitoring air duct temperatures.
* **Food & Beverage:** Ensuring precise heat during pasteurization.
* **Plastic Injection Molding:** The "P" often denotes a design suitable for probe insertion in machinery.
---
- ⤷
What is the difference between a 2-wire and 3-wire RTD configuration for the FRTD series?
- ⤷ How do I calibrate a Pt100 FRTD-R-03-P sensor?
- ⤷ Can this sensor be used in high-vibration environments?