Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FRTD-R-05-P

  • AI
    The **FRTD-R-05-P** is a specific electronic component typically categorized as a **Surface Mount (SMD) Resettable Fuse** or a high-precision **Platinum Resistance Temperature Detector (RTD)**, depending on the manufacturer's prefix (often associated with brands like TE Connectivity or specialized thermal sensor producers). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This component is designed for precise thermal sensing or circuit protection. The following table summarizes its typical electrical properties: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Platinum RTD (Resistance Temperature Detector) | | **Base Resistance** | 100 $\Omega$ or 1000 $\Omega$ (depending on sub-series) | | **Tolerance Class** | Class B or Class A (DIN EN 60751) | | **Temperature Coefficient** | 3850 ppm/K | | **Operating Range** | -50°C to +150°C (Extended ranges available) | | **Package Type** | SMD 0805 or 1206 (Surface Mount Device) | | **Material** | Platinum thin film on ceramic substrate | --- ## 2. Key Electronic Features ### A. Linearity and Accuracy Unlike Thermistors (NTC/PTC), the FRTD series provides a highly linear relationship between resistance and temperature. This makes the electronic calibration process much simpler for microcontrollers. ### B. Stability As a platinum-based part, it exhibits extremely low "drift." This means the resistance value remains consistent over years of operation, which is critical for medical or industrial electronic devices. ### C. Surface Mount Design (SMD) The "R-05" designation usually refers to the physical footprint (often related to the 0805 metric or imperial sizing). This allows for automated assembly using Pick-and-Place machines and reflow soldering. --- ## 3. Example Interfacing (Python/Pseudo-code) To read the temperature from this part using an Analog-to-Digital Converter (ADC), you would typically use a voltage divider or a Wheatstone bridge circuit. ```python import math def calculate_temp(resistance_measured): # Standard DIN IEC 751 constants R0 = 100.0 # Resistance at 0 degrees A = 3.9083e-3 B = -5.775e-7 # Simple linear approximation for positive temperatures temp = (resistance_measured / R0 - 1) / A return round(temp, 2) # Example: If the ADC measures 107.7 Ohms print(f"Current Temperature: {calculate_temp(107.7)} °C") ``` --- ## 4. Typical Applications * **Battery Management Systems (BMS):** Monitoring cell temperatures. * **Consumer Electronics:** Overheating protection in high-end laptops or smartphones. * **Industrial Automation:** Precise ambient temperature monitoring on PCBs. * **Automotive:** Climate control sensing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Class A and Class B tolerance for this part?
    • ⤷ How should I design the signal conditioning circuit for an FRTD-R-05-P?
    • ⤷ Does this component require a constant current source for accurate measurement?