Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FRTD-R-151-K

  • AI
    The **FRTD-R-151-K** is a specialized electronic component primarily used in industrial sensing applications. Based on the naming convention (commonly associated with manufacturers like *Watlow* or *Minco*), it is a **Flexible Resistance Temperature Detector (RTD)**. --- ### 1. Component Overview An RTD is a sensor whose resistance changes predictably with temperature. The "Flexible" aspect implies it is designed to wrap around pipes, tanks, or irregular surfaces. | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | RTD (Resistance Temperature Detector) | | **Element Material** | Platinum (commonly Pt100 or Pt1000) | | **Configuration** | Flexible Ribbon or Patch | | **Accuracy Class** | Class K (Standard industrial tolerance) | | **Common Application** | Surface temperature monitoring in aerospace or medical devices | --- ### 2. Key Electronic Characteristics #### A. The Resistance Element The core of the device is a fine wire or thin film of platinum. - **Standard Resistance:** Usually 100 Ohms at 0°C (Pt100). - **Temperature Coefficient (Alpha):** Typically $0.00385 \Omega/\Omega/^\circ C$. #### B. Linearity and Sensitivity Unlike thermocouples which produce a voltage (Seebeck effect), the FRTD-R-151-K acts as a variable resistor. It is highly linear, making it easier for electronic control units (PLCs) to interpret data without complex polynomial conversion. #### C. Wiring Configuration Most "FRTD" series parts utilize a **3-wire or 4-wire configuration** to compensate for lead-wire resistance, ensuring that the resistance measured is solely from the sensor tip and not the cables. --- ### 3. Physical Construction The "R" and "151" in the part number typically refer to specific physical dimensions and lead lengths. 1. **Insulation:** Usually Kapton® (polyimide) or Silicone. This allows the sensor to remain thin (often < 0.5mm) and flexible. 2. **Adhesive:** Many versions come with a PSA (Pressure Sensitive Adhesive) backing for easy mounting. 3. **Strain Relief:** The transition point where the flexible element meets the lead wires is reinforced to prevent electrical failure under vibration. --- ### 4. Typical Connection Diagram To read the signal from this part, it is usually integrated into a **Wheatstone Bridge** circuit or a constant current source. ```python # Simplified calculation logic for an RTD sensor def resistance_to_temp(R_measured, R_zero=100, alpha=0.00385): # Basic linear approximation temperature = (R_measured - R_zero) / (R_zero * alpha) return temperature print(f"Temp at 138.5 Ohms: {resistance_to_temp(138.5)}°C") ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the Kapton-insulated version of this RTD?
    • ⤷ How do I wire a 3-wire FRTD to a standard PLC input?
    • ⤷ What are the advantages of a flexible RTD over a traditional probe-style sensor?