FRTD-R-16-P
AI

The **FRTD-R-16-P** is a specific electronic component typically categorized as a **Remote Terminal Unit (RTU) module** or a **Distributed I/O module**, often used in industrial automation, power distribution, and smart grid applications.
Below is a detailed breakdown of its electronic parts and specifications.
---
## 1. Core Component Breakdown
| Part Category | Description |
| :--- | :--- |
| **Input Channels** | 16-channel Digital Input (indicated by the "16" in the part number). |
| **Sensor Type** | Supports **RTD (Resistance Temperature Detector)** or high-precision binary inputs depending on the sub-series. |
| **Housing** | Industrial-grade DIN rail mountable plastic or metal casing. |
| **Connectors** | Pluggable terminal blocks for easy wiring and maintenance. |
| **LED Indicators** | Status LEDs for Power, Communication (Run/Stop), and individual Channel status. |
---
## 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Communication Protocol** | Modbus RTU (RS485) or proprietary fieldbus protocols. |
| **Operating Voltage** | Typically 24V DC (Standard industrial power). |
| **Isolation** | Optical isolation between logic and field circuits (usually up to 1500V or 2500V). |
| **Resolution** | 16-bit A/D conversion for temperature/analog models. |
| **Mounting** | 35mm DIN Rail. |
---
## 3. Electronic Architecture
The internal circuitry of the FRTD-R-16-P generally consists of four main stages:
### A. Protection Circuitry
* **TVS Diodes:** Protects against transient voltage spikes on the RS485 line.
* **Reverse Polarity Protection:** Prevents damage if the power supply wires are swapped.
### B. Signal Conditioning
* **Multiplexer:** Switches between the 16 different input channels to feed them into a single Analog-to-Digital Converter (ADC).
* **Operational Amplifiers:** Buffer and amplify weak signals from sensors before conversion.
### C. Processing & Logic
* **Microcontroller (MCU):** An ARM-based or specialized industrial MCU that handles data polling, Modbus stack management, and error checking.
* **Optocouplers:** Provide galvanic isolation to ensure that a surge on the input side does not destroy the central controller or communication network.
### D. Communication Interface
* **RS485 Transceiver:** Converts the MCU's TTL logic signals into differential signals for long-distance industrial communication.
---
## 4. Typical Applications
* **Temperature Monitoring:** Using 16 Pt100/Pt1000 sensors in large server rooms or factories.
* **Building Automation:** Monitoring HVAC status or fire alarm contacts.
* **Power Grid:** Monitoring status indicators in electrical substations.
- ⤷
What are the wiring diagrams for Pt100 sensors on this module?
- ⤷ How do I configure the Modbus registers for the FRTD-R-16-P?
- ⤷ Is this module compatible with PLC brands like Siemens or Allen-Bradley?