FRTD-R-162-P
AI

The **FRTD-R-162-P** is a high-precision temperature sensing component, specifically a **Thin Film Platinum Resistance Temperature Detector (RTD)**. It is widely used in industrial and laboratory environments where accurate temperature monitoring is critical.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (typically related to Ohizumi or similar thermal component specialists).
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Platinum RTD (Resistance Temperature Detector) |
| **Base Resistance** | 1000 Ohms (at 0°C) |
| **Temperature Coefficient** | 3850 ppm/K (Standard DIN/IEC 751) |
| **Tolerance Class** | Class B (typically ±0.3°C at 0°C) |
| **Body Size** | 1.6mm x 2.0mm (Approximate) |
| **Operating Range** | -50°C to +400°C (Variant dependent) |
---
### 2. Key Electronic Components & Construction
The device is composed of three primary layers that determine its electrical characteristics:
1. **Ceramic Substrate:** A high-purity alumina base that provides mechanical strength and electrical insulation.
2. **Platinum Thin Film:** A microscopic layer of platinum is deposited onto the substrate. This is the "active" part where the resistance changes linearly with temperature.
3. **Glass Passivation:** A protective glass coating covers the platinum film to shield it from oxidation, humidity, and chemical contaminants.
4. **Lead Wires:** Typically made of palladium-gold or nickel-plated wire to ensure a stable electrical connection.
---
### 3. Electrical Characteristics
The FRTD-R-162-P operates on the principle that the electrical resistance of a metal increases as the temperature rises.
* **Linearity:** Unlike thermistors, this RTD is highly linear, making the conversion from resistance to temperature mathematically simple.
* **Stability:** Platinum is a noble metal, meaning it does not oxidize easily. This results in very low "drift" over time compared to thermocouples.
* **Self-Heating:** Because it is a resistive element, passing too much current (Excitation Current) through it will generate heat, causing measurement errors. It is recommended to keep the current below **1mA**.
---
### 4. Typical Applications
Due to its small form factor and 1000-ohm base resistance (Pt1000), it is ideal for:
* **HVAC Systems:** Monitoring air and fluid temperatures.
* **Automotive:** Battery pack thermal management.
* **Medical Devices:** Precision body or fluid warming equipment.
* **Industrial IoT:** Low-power remote sensors (Pt1000 requires less current than Pt100, saving battery life).
- ⤷
How do I calculate the temperature from the resistance value for a Pt1000 RTD?
- ⤷ What is the difference between the FRTD-R-162-P and a standard Pt100 sensor?
- ⤷ What are the best practices for mounting this sensor to a surface?