FRTD-R-34-P
AI

The **FRTD-R-34-P** refers to a high-precision **Resistance Temperature Detector (RTD)**, typically utilizing a Platinum (Pt) element. These components are designed for industrial applications where accurate temperature monitoring is critical.
---
## Technical Specifications & Electronic Components
The "FRTD" series generally follows international standards for thin-film platinum sensors. Below is a breakdown of its electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Element Type** | Pt100 / Pt1000 | Usually a Platinum thin-film resistor. |
| **Resistance at 0°C** | 100 $\Omega$ (Standard) | The base resistance value at freezing point. |
| **Temperature Range** | -50°C to +500°C | Operational limits for the sensing element. |
| **Tolerance Class** | Class A or B | Determines the accuracy (Class A: ±0.15°C). |
| **Configuration** | 3-Wire / 4-Wire | Lead wire setup to compensate for lead resistance. |
| **Probe Diameter** | 3.4mm (approx) | Indicated by the "34" in the part number. |
---
## Key Electronic Parts & Construction
### 1. The Sensing Element (Thin-Film)
The core of the FRTD is a ceramic substrate onto which a microscopic layer of platinum is deposited. This layer is laser-trimmed to achieve the exact resistance (e.g., 100.00 ohms at 0°C).
### 2. Internal Lead Connections
Because the platinum element is fragile, internal leads (often made of nickel or silver) connect the element to the external wiring. These are spot-welded to ensure stability under thermal expansion.
### 3. Insulation & Housing
* **Encapsulation:** The element is typically covered in glass or epoxy to protect it from moisture and oxidation.
* **Sheath:** A stainless steel or ceramic tube protects the electronic assembly from physical damage and corrosive environments.
### 4. Wiring Interface
The "P" suffix often denotes a specific **Plug** or **Pin** termination.
* **3-Wire System:** Uses a compensation loop to negate the electrical resistance of the wires themselves, ensuring the controller reads only the sensor's change.
---
## Operating Principle
The FRTD operates on the principle of **Positive Temperature Coefficient (PTC)**. As the temperature rises, the electrical resistance of the platinum element increases in a highly linear and predictable manner according to the Callendar-Van Dusen equation:
```python
# Simplified resistance calculation for RTD (0°C to 100°C)
def calculate_resistance(temp_c, r0=100, alpha=0.00385):
# R(t) = R0 * (1 + A*t)
return r0 * (1 + alpha * temp_c)
# Example: Resistance at 100°C
print(f"Resistance at 100C: {calculate_resistance(100)} Ohms")
```
- ⤷
What is the difference between the 3-wire and 4-wire configurations for this RTD?
- ⤷ How does the 'Class A' tolerance impact measurement accuracy compared to 'Class B'?
- ⤷ Which industrial controllers are compatible with the FRTD-R-34-P?