FRTD-R-40-L
AI

The **FRTD-R-40-L** is a specific model within a series of **Resistance Temperature Detectors (RTD)**, typically used in industrial automation, HVAC, and manufacturing processes. It is designed to measure temperature by correlating the resistance of the RTD element with temperature.
---
### 1. Technical Specifications Breakdown
The nomenclature usually refers to the following parameters:
| Component | Description | Details |
| :--- | :--- | :--- |
| **Type** | Resistance Temperature Detector (RTD) | Typically uses a Platinum (Pt) element. |
| **Series** | FRTD | Flexible or Film-based Resistance Thermal Device. |
| **Model** | R-40 | Often indicates a specific resistance at 0°C or physical dimensions (e.g., 40mm). |
| **Configuration** | L | Usually denotes "Lead wire" type or a specific Accuracy Class (Class A/B). |
---
### 2. Electronic Operating Principles
The device functions based on the **Positive Temperature Coefficient (PTC)** of metals. As the ambient temperature rises, the electrical resistance of the internal platinum element increases.
* **Standard Material:** Platinum is favored due to its chemical stability and linear relationship between resistance and temperature.
* **Pt100 vs Pt1000:** Depending on the sub-model, it likely has a base resistance of **100Ω** or **1000Ω** at 0°C.
* **Wiring Scheme:** Most "L" models utilize a 2-wire or 3-wire configuration. The 3-wire version is superior for electronic accuracy as it compensates for the resistance of the lead wires.
---
### 3. Key Electronic Characteristics
* **Temperature Range:** Typically rated from **-50°C to +250°C** (varies by insulation material).
* **Accuracy:** Most often follows DIN EN 60751 standards (Class A or Class B).
* **Excitation Current:** Requires a constant current source (usually **1mA** or less) to prevent "self-heating," which could skew the reading.
* **Response Time:** Fast thermal response due to the thin-film technology used in the FRTD series.
---
### 4. Circuit Integration
When integrating the **FRTD-R-40-L** into a system, the following electronic blocks are required:
1. **Bridge Circuit:** A Wheatstone bridge is commonly used to convert the resistance change into a measurable voltage.
2. **ADC (Analog to Digital Converter):** Since the output is analog, it must be digitized for a microcontroller (like an Arduino or PLC).
3. **Signal Conditioning:** Operational amplifiers (Op-Amps) are used to scale the small voltage changes to a 0-5V or 4-20mA signal.
---
- ⤷
What is the exact resistance value of the FRTD-R-40-L at 0 degrees Celsius?
- ⤷ Does this model support 3-wire lead compensation for high-precision measurements?
- ⤷ Which signal conditioner is recommended for converting this RTD signal to 4-20mA?