Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FRTD-R-A2-P

  • AI
    The **FRTD-R-A2-P** is a specific industrial electronic component, typically categorized as a **Solid State Relay (SSR)** or a **Photo-MOS Relay**, often manufactured by companies like **Fotek** or specialized electronic part providers. Below is a detailed breakdown of its electronic parts, specifications, and architecture. --- ## 1. Technical Specifications The model name follows a specific nomenclature that defines its electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 4-32 VDC | The control signal required to trigger the device. | | **Output Voltage** | 24-280 VAC | The load voltage range the device can switch. | | **Current Rating** | 2A (Typical) | Maximum continuous current it can handle. | | **Switching Type** | Zero Cross | Switches at the 0V point of the AC cycle to reduce noise. | | **Mounting** | PCB Mount | Designed for through-hole soldering on a circuit board. | --- ## 2. Internal Electronic Architecture The FRTD-R-A2-P is composed of three primary electronic stages: ### A. Input Stage (Optical Isolation) * **Infrared LED:** When a DC voltage (4-32V) is applied, the internal LED lights up. * **Galvanic Isolation:** There is no physical electrical connection between the input and output. This protects the sensitive microcontroller (like an Arduino or PLC) from high-voltage spikes on the load side. ### B. Control Stage (Trigger Circuit) * **Zero-Cross Detector:** A logic circuit that monitors the AC sine wave. It ensures the output only turns ON when the AC voltage is near zero, minimizing **Electromagnetic Interference (EMI)** and preventing sudden inrush currents. * **Phototriac:** A light-sensitive component that receives the LED signal and triggers the power stage. ### C. Output Stage (Power Switching) * **Triac/SCR:** The "muscle" of the part. This semiconductor handles the 240VAC load. * **Snubber Circuit:** Often includes an internal RC (Resistor-Capacitor) network to protect the Triac from $dv/dt$ (voltage spikes) when switching inductive loads like small motors or solenoids. --- ## 3. Comparison with Mechanical Relays The "R" in the series usually denotes high reliability due to the lack of moving parts. | Feature | FRTD-R-A2-P (SSR) | Traditional Mechanical Relay | | :--- | :--- | :--- | | **Lifespan** | Virtually infinite (no wear) | Finite (contacts burn out) | | **Switching Speed** | Microseconds | Milliseconds (slow) | | **Acoustic Noise** | Silent | "Clicking" sound | | **Vibration Resistance** | High | Low | --- ## 4. Typical Application Circuit ```cpp // Schematic Logic [Control Signal 5V] ---> [Input + (Pin 1)] [Ground] ---> [Input - (Pin 2)] [AC Live] ---> [Output 1 (Pin 3)] [Load/Heater] ---> [Output 2 (Pin 4)] ---> [AC Neutral] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the FRTD-R-A2-P at maximum load?
    • ⤷ Can this component be used for PWM (Pulse Width Modulation) control?
    • ⤷ What is the specific dielectric strength (isolation voltage) for this model?