Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FRTD-R-A5W-R

  • AI
    Based on your query, the **FRTD-R-A5W-R** appears to be a specialized thermal sensing component, likely part of a **Thin-Film Resistance Temperature Detector (RTD)** series or a specific thermal ribbon sensor often used in industrial automation or laboratory equipment (such as those manufactured by companies like Minco or specific sensor OEMs). --- ## 1. Component Overview The part number follows a standard nomenclature for RTD sensors where the prefix "FRTD" usually stands for **Flexible Resistance Temperature Detector**. These are designed for surface temperature measurement where a flat, low-profile sensor is required. ### Technical Specifications (General Estimates) | Feature | Specification | | :--- | :--- | | **Element Type** | Platinum (Pt) Thin Film | | **Base Resistance** | Usually 100 $\Omega$ or 1000 $\Omega$ at 0°C | | **Temperature Coefficient** | 0.00385 (Standard DIN/IEC 751) | | **Operating Range** | -50°C to +200°C (typical for flexible types) | | **Lead Wire Material** | Silver-plated copper or Nickel with Teflon insulation | --- ## 2. Key Electronic Characteristics ### A. The "RTD" Principle The core electronic function is based on the **positive temperature coefficient (PTC)**. As the temperature of the platinum element increases, its electrical resistance increases in a highly linear and predictable manner. ### B. Accuracy and Stability Unlike thermocouples, this part is chosen for: * **High Accuracy:** Precise measurement with low drift over time. * **Linearity:** The resistance-to-temperature curve is more linear than thermistors. * **Interchangeability:** Sensors can be replaced without recalibrating the entire system. --- ## 3. Physical & Material Construction The "A5W" and "R" suffixes in the part number typically refer to the mechanical configuration: * **Flexibility:** The "FRTD" series is often encased in **Polyimide (Kapton)** or silicone, allowing it to be wrapped around pipes or adhered to curved surfaces. * **Lead Configuration:** The "W" often indicates a **Wire-wound** or specific **Lead Wire** exit orientation. * **Adhesive:** The "R" suffix frequently denotes a "Pressure Sensitive Adhesive" (PSA) backing for easy peel-and-stick application. --- ## 4. Typical Connection Diagram Most RTDs are integrated into a **Wheatstone Bridge** circuit or a constant current source to convert resistance into a measurable voltage. ```cpp // Logic for Microcontroller Integration (Example) float resistance = readADC(); // Read voltage from bridge float temperature = (resistance - R0) / (R0 * alpha); // Where R0 = 100 and alpha = 0.00385 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value (e.g.
    • ⤷ Pt100 or Pt1000) for this model?
    • ⤷ What are the common industrial applications for flexible RTDs?
    • ⤷ How do I wire a 3-wire RTD to a 2-wire controller?