FRTD-R-C0-P
AI

The **FRTD-R-C0-P** is a specific industrial-grade temperature measurement component, typically categorized as a **Platinum Resistance Temperature Detector (RTD)**. These parts are critical in automation for precise thermal monitoring.
---
## 1. Component Overview
The part number breakdown generally refers to a thin-film or wire-wound platinum sensor element designed for high-accuracy applications.
| Feature | Specification Details |
| :--- | :--- |
| **Sensor Type** | RTD (Resistance Temperature Detector) |
| **Material** | Platinum (Pt) |
| **Standard Resistance** | Usually 100Ω (Pt100) or 1000Ω (Pt1000) at 0°C |
| **Tolerance Class** | Class A or Class B (per IEC 60751) |
| **Connection Type** | Radial leads or Surface Mount (depending on exact sub-series) |
---
## 2. Key Electronic Characteristics
RTDs operate on the principle that the electrical resistance of metals increases as temperature rises.
### A. Temperature Coefficient (Alpha)
The standard coefficient for platinum is **0.00385 Ω/Ω/°C**. This means for every degree Celsius change, the resistance changes by a predictable percentage.
### B. Accuracy Classes
* **Class A:** Higher precision, typically $\pm(0.15 + 0.002|t|)$ °C.
* **Class B:** Standard precision, typically $\pm(0.3 + 0.005|t|)$ °C.
### C. Self-Heating Effect
Because a current must pass through the FRTD to measure resistance, it generates a small amount of heat.
* **Typical current:** $0.1\text{ mA}$ to $1\text{ mA}$.
* **Self-heating error:** Minimized by using high-impedance measurement circuits.
---
## 3. Circuit Implementation
To read the signal from an FRTD-R-C0-P, it is usually integrated into a **Wheatstone Bridge** or a **Constant Current Source** circuit.
```cpp
// Example: Converting Resistance to Temperature (Callendar-Van Dusen equation)
float calculateTemperature(float resistance) {
float R0 = 100.0; // Resistance at 0°C
float A = 3.9083e-3;
float B = -5.775e-7;
// Simplified linear approximation for 0°C to 100°C
return (resistance / R0 - 1.0) / A;
}
```
---
## 4. Typical Applications
* **Industrial HVAC:** Monitoring duct temperatures.
* **Medical Equipment:** Precise fluid warming or laboratory incubators.
* **Automotive:** Battery pack thermal management.
* **Process Control:** Chemical processing where thermocouples lack sufficient stability.
---
- ⤷
What is the exact resistance value (Pt100 or Pt1000) for the C0 variant?
- ⤷ How does the 'P' suffix affect the packaging or tolerance rating?
- ⤷ What are the recommended mounting techniques for this specific RTD?