FRTD-R-F4-L
AI

The **FRTD-R-F4-L** is a specific configuration of a **Resistance Temperature Detector (RTD)**, typically used in industrial automation for precise temperature measurement. Based on its nomenclature, it belongs to the platinum resistance thermometer family.
---
### 1. Technical Specifications Breakdown
The alphanumeric code describes the physical and electrical characteristics of the sensor:
| Component | Description | Details |
| :--- | :--- | :--- |
| **FRTD** | Sensor Type | Flat Resistance Temperature Detector (Thin-film technology) |
| **R** | Material | Platinum (Pt) |
| **F4** | Dimensions | Typically refers to a 4.0mm width/size class |
| **L** | Lead Type | Long-lead or specific lead wire material (often Nickel or Silver) |
---
### 2. Core Electronic Components
The "electronic parts" of this component are integrated into a single solid-state assembly:
#### A. Thin-Film Sensing Element
The heart of the FRTD is a thin layer of platinum deposited onto a ceramic substrate using photolithography.
* **Resistance:** Usually 100 Ohms ($Pt100$) or 1000 Ohms ($Pt1000$) at $0^\circ C$.
* **Alpha Coefficient:** Most commonly $0.00385 \Omega/\Omega/^\circ C$ (DIN/IEC 60751 standard).
#### B. Ceramic Substrate
Provides the structural base for the platinum film. It is chosen for its high dielectric strength and thermal stability, ensuring the sensor does not short-circuit or warp at high temperatures.
#### C. Glass Passivation
A protective glass coating is applied over the platinum film. This protects the delicate electronic circuit from:
* Oxidation
* Moisture/Humidity
* Mechanical abrasion
#### D. Lead Wires
The interface between the sensor and the measurement circuit.
* **Material:** Often nickel-clad copper or pure silver.
* **Connection:** Laser-welded to the sensor pads to ensure low contact resistance and high durability.
---
### 3. Electrical Characteristics
| Feature | Typical Value |
| :--- | :--- |
| **Temperature Range** | $-50^\circ C$ to $+400^\circ C$ (varies by specific grade) |
| **Accuracy Classes** | Class A ($\pm 0.15^\circ C$) or Class B ($\pm 0.30^\circ C$) |
| **Response Time** | High (due to the flat, low-mass design) |
| **Self-Heating** | Typically $< 0.4 K/mW$ at $0^\circ C$ |
---
### 4. Circuit Integration
The FRTD-R-F4-L is a passive component. To read the temperature, it must be integrated into a **Wheatstone Bridge** circuit or a constant current source.
```python
# Example: Calculating Temperature from Resistance (Callendar-Van Dusen simplified)
def resistance_to_temp(R_measured, R0=100):
alpha = 0.00385
temperature = (R_measured - R0) / (R0 * alpha)
return temperature
# For a Pt100 measuring 138.5 Ohms:
print(resistance_to_temp(138.5)) # Output: 100.0 Celsius
```
- ⤷
What is the difference between Pt100 and Pt1000 versions of this sensor?
- ⤷ How do I wire the FRTD-R-F4-L to a 3-wire transmitter?
- ⤷ What are the mounting recommendations for flat RTD sensors?