FRTD-R-FD-L/Q
AI

Based on the part number **FRTD-R-FD-L/Q**, this component appears to be a high-performance **Resistance Temperature Detector (RTD)** sensor probe, typically used in industrial automation, semiconductor manufacturing, or precision thermal control systems.
Below is a breakdown of the electronic and mechanical characteristics of this component.
---
### 1. Part Number Deciphering
While specific manufacturer prefixes can vary (often associated with brands like **Azbil** or **Watlow**), the nomenclature generally follows this logic:
| Segment | Meaning | Electronic Significance |
| :--- | :--- | :--- |
| **FRTD** | Film RTD / Flexible RTD | Indicates a Thin-Film Platinum resistor technology. |
| **R** | Resistance Type | Typically denotes a standard Pt100 or Pt1000 ohm curve. |
| **FD** | Form/Design | Refers to the "Flange" or "Flexible" mounting design. |
| **L/Q** | Lead/Qualification | Specifies lead wire length and high-purity (Quartz or specific coating) requirements. |
---
### 2. Electronic Specifications
The core of this device is a sensing element that operates on the principle of **PTC (Positive Temperature Coefficient)**.
* **Sensing Element:** Platinum (Pt) thin-film deposited on a ceramic substrate.
* **Standard Resistance:** 100 $\Omega$ at 0°C (Pt100) is the industry standard for this series.
* **Temperature Coefficient (Alpha):** Usually $0.00385 \Omega/\Omega/°C$ (DIN/IEC 60751).
* **Accuracy Class:** Typically Class A ($\pm0.15 + 0.002|t|$) or Class B ($\pm0.3 + 0.005|t|$).
* **Wiring Configuration:** Usually available in **3-wire** or **4-wire** configurations to compensate for lead wire resistance, ensuring high precision over distance.
---
### 3. Key Features
* **High Sensitivity:** Capable of detecting minute fluctuations in temperature compared to thermocouples.
* **Stability:** Platinum elements are known for long-term stability and resistance to electronic "drift."
* **Linearity:** The resistance-to-temperature relationship is highly linear, simplifying the ADC (Analog to Digital Conversion) process in the controller.
* **Isolation:** The "FD" designation often implies high dielectric strength between the sensing element and the outer sheath.
---
### 4. Typical Application Circuit
When integrating the **FRTD-R-FD-L/Q** into an electronic system, it is commonly used with a **Wheatstone Bridge** or a specialized RTD Digitizer (like the MAX31865).
```cpp
// Logic for Resistance to Temperature Conversion (Callendar-Van Dusen Equation)
float calculate_temp(float R) {
float R0 = 100.0; // Resistance at 0 degrees
float A = 3.9083e-3;
float B = -5.775e-7;
// Simplified formula for T > 0°C
return (-A + sqrt(A*A - 4*B*(1 - R/R0))) / (2*B);
}
```
---
### 5. Installation Note
The **L/Q** suffix often indicates specific chemical resistance. If used in a semiconductor environment (common for this part), ensure the lead wires are not stressed, as micro-fractures in the thin-film element can lead to "noise" or "open-loop" errors in the temperature controller.
- ⤷What is the specific temperature range for the L/Q variant?
- ⤷ How does a 3-wire RTD circuit compensate for lead resistance compared to a 2-wire?
- ⤷ Which industrial controllers are most compatible with the FRTD series?