FRTD-R-GWA-P
AI

The **FRTD-R-GWA-P** is a specific industrial-grade **Resistance Temperature Detector (RTD)** assembly, typically utilized in plastic extrusion, molding, and thermal processing applications. It is designed for precision temperature measurement in high-pressure or high-vibration environments.
---
### 1. Component Breakdown
The part number indicates several key electronic and physical characteristics:
| Feature | Description |
| :--- | :--- |
| **RTD Type** | Usually a Platinum (Pt) thin-film element, most commonly **Pt100** or **Pt1000**. |
| **Accuracy Class** | Typically follows IEC 751 Class A or B standards. |
| **Configuration** | Likely a 2-wire, 3-wire, or 4-wire setup (3-wire is the industry standard for lead-wire compensation). |
| **Housing (GWA)** | Glass-filled or armored protective casing, often referring to a specific swivel-nut or bayonet adapter style for mounting. |
| **P (Plug/Connection)** | Indicates a specialized plug-in connector or polarized termination for quick disconnection. |
---
### 2. Core Electronic Specifications
These sensors work on the principle of the **Positive Temperature Coefficient (PTC)**, where the electrical resistance of the metal (Platinum) increases as the temperature rises.
* **Resistance at 0°C:** 100 Ohms (for Pt100).
* **Temperature Coefficient (Alpha):** 0.00385 $\Omega/\Omega/°C$.
* **Insulation Resistance:** Usually $>100 M\Omega$ at 500V DC.
* **Response Time:** Fast thermal response due to the "FRTD" (Fast/Flexible RTD) design.
---
### 3. Connection Diagram (Standard 3-Wire)
Most FRTD units use a 3-wire bridge configuration to cancel out the resistance of the lead wires:
```text
[ Sensor Element ]
|
+-------(Red) Line A
|
+-------(White) Line B (Compensation)
|
+-------(White) Line B' (Common)
```
---
### 4. Application Areas
* **Injection Molding:** Monitoring nozzle and barrel temperatures.
* **Packaging:** Heat-sealing bars and shrink-wrap tunnels.
* **HVAC/Industrial:** Air and liquid temperature monitoring where quick-disconnect (the "P" plug) is required for maintenance.
- ⤷
What is the temperature range of the FRTD-R-GWA-P?
- ⤷ How do I calibrate a 3-wire RTD sensor?
- ⤷ What are the advantages of a 'GWA' armored casing over standard leads?