FRTD-S-5F-R
AI

The **FRTD-S-5F-R** is a specific model within the **Thin-Film Resistance Temperature Detector (RTD)** family, typically manufactured by companies like OMEGA Engineering. These components are designed for high-precision temperature sensing in environments where space is limited.
---
## 1. Technical Specifications
The part number "FRTD-S-5F-R" follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Sensor Type** | Platinum RTD (Thin Film) |
| **Resistance at 0°C** | 100 $\Omega$ (Standard) or 1000 $\Omega$ (Optional) |
| **Accuracy Class** | Class A (DIN EN 60751) |
| **Temperature Range** | -50°C to +500°C (approx.) |
| **Substrate Material** | Ceramic / Alumina |
| **Response Time** | Fast (due to thin-film construction) |
---
## 2. Electronic Construction
The FRTD-S-5F-R consists of three primary electronic layers:
1. **Platinum Deposition:** A micro-thin layer of high-purity platinum is deposited onto a ceramic substrate using a sputtering process. This layer is etched into a "meander" pattern to achieve the specific resistance.
2. **Protective Coating:** A glass or epoxy layer is applied over the platinum film to protect it from oxidation and mechanical stress.
3. **Lead Wires:** These are typically made of Nickel or Platinum-clad Nickel, designed for soldering or welding into a circuit.
---
## 3. Operating Principle
The device operates on the **Positive Temperature Coefficient (PTC)** principle. As the temperature of the sensor increases, the electrical resistance of the platinum film increases in a highly linear and predictable manner.
### Characteristic Equation (Callendar-Van Dusen)
For the temperature range of 0°C to 500°C:
```math
R_t = R_0 [ 1 + At + Bt^2 ]
```
* **$R_t$**: Resistance at temperature $t$
* **$R_0$**: Resistance at 0°C
* **A, B**: Constant coefficients for Platinum
---
## 4. Typical Applications
Because of its small form factor and high stability, the FRTD-S-5F-R is used in:
* **HVAC Systems:** Airflow temperature monitoring.
* **Medical Equipment:** Skin temperature probes or laboratory incubators.
* **Automotive:** Intake air or oil temperature sensing.
* **PCB Mounting:** Surface-mount temperature compensation for sensitive electronics.
---
## 5. Circuit Design Considerations
When integrating this part into a circuit, developers should note:
* **Self-Heating:** To avoid errors, the excitation current should be kept low (typically **<1mA**).
* **Wiring:** Since it is a 2-wire device, the resistance of the leads can introduce errors. For high precision, a 3-wire or 4-wire measurement bridge is recommended.
- ⤷
What is the difference between Class A and Class B accuracy for this RTD?
- ⤷ How do I calculate the self-heating error for the FRTD-S-5F-R?
- ⤷ Can this sensor be used in cryogenic temperatures below -50°C?