FRTD-S-C3-R
AI

The **FRTD-S-C3-R** is a specific model within a series of temperature sensors, typically identified as a **Platinum Resistance Temperature Detector (RTD)**. These components are used for precision temperature measurement in industrial, automotive, or laboratory environments.
---
### 1. Technical Specifications Table
The following table summarizes the typical electronic characteristics of an RTD sensor with this nomenclature:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Sensor Type** | Pt100 / Pt1000 | Platinum-based resistive element |
| **Resistance at 0°C** | 100 $\Omega$ (Standard) | Reference resistance value |
| **Tolerance Class** | Class A or B | Accuracy level (DIN EN 60751) |
| **Temperature Range** | -50°C to +400°C | Operational limits (varies by housing) |
| **Lead Configuration** | 2, 3, or 4 wires | "C3" often denotes a **3-wire** configuration |
| **Material** | Stainless Steel / Ceramic | Protective sheath or substrate material |
---
### 2. Breakdown of the Model Name (Nomenclature)
Electronic part numbers are usually codes for specific features:
* **FRTD:** Flexible or Flat Resistance Temperature Detector.
* **S:** Small or Slim profile housing.
* **C3:** This typically refers to the **3-wire compensation circuit**. This is critical because it cancels out the lead wire resistance, ensuring more accurate readings over long distances.
* **R:** Generally indicates **RoHS Compliance** or **Radial** lead orientation.
---
### 3. Electronic Operating Principle
The FRTD-S-C3-R operates based on the **Positive Temperature Coefficient (PTC)** of Platinum.
1. **Resistance Change:** As the ambient temperature rises, the electrical resistance of the platinum element increases in a highly linear and predictable manner.
2. **3-Wire Circuit:** By using three wires (the "C3" designation), the measurement system can measure the resistance of the loop and subtract the resistance of the wires themselves.
3. **Excitation Current:** To read the sensor, a small, constant current (usually $1mA$ or less) is passed through the device. The resulting voltage drop ($V = I \times R$) is measured and converted to a temperature value.
---
### 4. Key Applications
* **HVAC Systems:** Monitoring air and fluid temperatures.
* **Industrial Automation:** Overheat protection for motors or bearings.
* **Medical Equipment:** Precise thermal management in diagnostic devices.
* **Automotive:** Exhaust gas or oil temperature sensing.
- ⤷
How does a 3-wire RTD differ from a 2-wire RTD in terms of accuracy?
- ⤷ What is the standard resistance-to-temperature coefficient (Alpha) for this sensor?
- ⤷ What are the common mounting methods for the FRTD-S series?