AI

The **FRTS-0Z-R/Q** refers to a high-precision force/torque sensor, typically manufactured by companies like **Robotiq** (as part of their FT sensor series). These devices are integral to collaborative robotics, providing "tactile" feedback to a robot arm.
---
## 1. Core Electronic Components
The internal electronics of the FRTS-0Z sensor are designed to convert physical strain into digital data with high resolution and low noise.
| Component | Function |
| :--- | :--- |
| **Strain Gauges** | The primary sensing elements. These change electrical resistance when the mechanical structure deforms under load. |
| **Wheatstone Bridges** | A circuit configuration used to measure the minute changes in resistance from the strain gauges. |
| **ADC (Analog-to-Digital Converter)** | Converts the low-voltage analog signals from the bridges into 16-bit or 24-bit digital values. |
| **Microprocessor (MCU)** | Performs real-time matrix calculations to resolve raw signals into 6 axes (Fx, Fy, Fz, Mx, My, Mz). |
| **Communication Interface** | Typically uses RS-485 or Modbus RTU protocols to send data to the robot controller. |
---
## 2. Technical Specifications
The electronics are calibrated to handle specific ranges and resolutions to ensure safety in Human-Robot Collaboration (HRC).
### Measurement Ranges
* **Force (X, Y, Z):** Usually rated up to ±200 N or ±300 N.
* **Torque (X, Y, Z):** Usually rated up to ±30 N.m.
### Signal Processing Characteristics
* **Sampling Rate:** High-speed data output (up to 100Hz - 500Hz) to allow the robot to react instantly to collisions.
* **Overload Protection:** Electronic and mechanical safeguards to prevent damage if the force exceeds 150-200% of the rated capacity.
* **Noise Filtering:** Internal digital filters to remove high-frequency electrical noise from the robot's motors.
---
## 3. Wiring and Connectivity
The sensor typically features a standard circular connector (like an M12 or specialized Hirose connector) to ensure robust electrical contact in moving environments.
```json
{
"pinout_example": {
"Pin 1": "24V DC Power Supply",
"Pin 2": "RS485-A (Data +)",
"Pin 3": "RS485-B (Data -)",
"Pin 4": "GND / 0V"
}
}
```
---
## 4. Key Applications
Because of its electronic precision, this part is used for:
1. **Hand-Guiding:** Teaching the robot paths by physically moving it.
2. **Constant Force Tasks:** Sanding, polishing, or buffing where a specific pressure must be maintained.
3. **Assembly:** Inserting delicate parts where high resistance indicates a misalignment.
- ⤷What is the communication protocol used by the FRTS-0Z series?
- ⤷ How do you calibrate the zero-point on this sensor?
- ⤷ What are the power requirements for integrating this into a UR robot?