Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FRTS-C6-R

  • AI
    The **FRTS-C6-R** is an electronic component primarily associated with **Industrial Automation and Sensor Technology**, specifically within the Festo product ecosystem. It is a high-performance **Force Sensor (Transmitter)** used for precision measuring in robotic and automated assembly tasks. --- ## 1. Technical Specifications The "FRTS" series is designed for sensing forces in the Z-axis (push/pull). Below are the core electronic and mechanical specifications: | Feature | Specification | | :--- | :--- | | **Product Series** | FRTS (Force Sensor) | | **Size/Capacity** | C6 (Specific Force Range, typically ~60N) | | **Output Signal** | Analog (0 ... 10 V or 4 ... 20 mA depending on configuration) | | **Operating Voltage** | 24 V DC (Standard Industrial Range) | | **Connection Type** | M12 or M8 Plug (typically 4-pin or 5-pin) | | **Accuracy Class** | 0.2% to 0.5% of Full Scale | | **Protection Class** | IP65 / IP67 (Dust and Water Resistant) | --- ## 2. Key Electronic Features ### A. Integrated Signal Processing Unlike simple strain gauges that output raw millivolt (mV) signals, the FRTS-C6-R features **integrated electronics**. This means: * The sensor amplifies the signal internally. * It filters electromagnetic interference (EMI). * It provides a linearized output ready for a PLC (Programmable Logic Controller). ### B. Overload Protection The electronic design includes safety margins to prevent damage. If the mechanical force exceeds the rated capacity (e.g., 60N), the sensor can usually withstand a specific percentage of overload (often up to 150-200%) before the internal sensing element or circuitry fails. ### C. Temperature Compensation Electronic force sensors are sensitive to thermal expansion. The FRTS-C6-R includes internal compensation circuits to ensure that "drift" (accuracy loss) is minimized when the ambient industrial temperature changes. --- ## 3. Typical Wiring Configuration The device usually follows standard industrial wiring colors: ```yaml Pin 1: +24V DC (Brown) Pin 2: Output Signal / Configuration (White) Pin 3: 0V / GND (Blue) Pin 4: Analog Output (Black) ``` --- ## 4. Application Use-Cases * **Press-fit Monitoring:** Ensuring a component is pressed into a housing with the correct amount of force. * **Weight Measurement:** Precision weighing in automated sorting lines. * **Quality Control:** Testing the spring tension or button-press resistance of consumer electronics. * **Robotic End-of-Arm Tooling (EOAT):** Providing "tactile" feedback to a robot arm so it doesn't crush delicate parts.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the FRTS-C6-R for a specific PLC input?
    • ⤷ What is the maximum overload capacity before the electronic circuit is damaged?
    • ⤷ Does this sensor support IO-Link communication for digital diagnostics?