FRTS-E0-R
AI

The **FRTS-E0-R** is an electronic component primarily classified as a **Rotary Torque Sensor** (specifically a miniature type) often used in precision engineering, robotics, and industrial automation. It is designed to measure the torque of rotating shafts or static torque in tight spaces.
---
### 1. Technical Specifications
The core electronic and physical attributes of the FRTS-E0-R are summarized in the table below:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Micro-Rotary Torque Sensor |
| **Rated Capacity** | Typically 0.5 N·m to 10 N·m (varies by sub-model) |
| **Rated Output** | ~1.0 mV/V to 1.5 mV/V (Strain Gauge bridge) |
| **Input Resistance** | ~350 Ohms (Standard bridge impedance) |
| **Safe Overload** | 120% to 150% of Full Scale |
| **Excitation Voltage** | 5V to 10V DC (Recommended) |
| **Connection Type** | 4-wire or 6-wire shielded cable |
---
### 2. Core Electronic Components
The device functions through a series of integrated electronic principles:
* **Strain Gauge Bridge:** The heart of the sensor is a Wheatstone bridge circuit. When torque is applied, the metal body of the sensor deforms slightly, changing the resistance of the bonded strain gauges.
* **Slip Ring Assembly:** Since the "R" in the part number often denotes **Rotary**, it contains internal gold-plated or silver-fiber slip rings. These allow the electrical signals to pass from the spinning shaft to the stationary housing without tangling wires.
* **Temperature Compensation Resistors:** Internal resistors are added to the circuit to ensure that the sensor's output remains stable despite fluctuations in environmental temperature.
---
### 3. Connection Diagram (Standard 4-Wire)
The sensor typically follows a standard color-coding scheme for strain-gauge transducers:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | Excitation (+) | Input voltage from the controller |
| **Black** | Excitation (-) | Ground / Common |
| **Green** | Signal (+) | Positive millivolt output |
| **White** | Signal (-) | Negative millivolt output |
---
### 4. Integration Requirements
To use the FRTS-E0-R in an electronic system, you generally require:
1. **Signal Amplifier:** Because the output is in millivolts (mV), a high-precision instrumentation amplifier is needed to convert the signal to 0-5V, 0-10V, or 4-20mA.
2. **Analog-to-Digital Converter (ADC):** A 16-bit or 24-bit ADC is recommended for high-resolution torque measurement.
3. **Couplings:** Mechanical flexible couplings are necessary to protect the electronic interior from axial loads or misalignment.
---
- ⤷What is the maximum RPM limit for the FRTS-E0-R rotary sensor?
- ⤷ Can this sensor be interfaced directly with an Arduino or Raspberry Pi?
- ⤷ What are the common failure modes for slip-ring based torque sensors?