FSE-1A5-R
AI

The **FSE-1A5-R** is a specific electronic component, typically categorized as a **Reed Sensor** or a **Proximity Switch**. These devices are used to detect the presence of a magnetic field to open or close an electrical circuit.
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the FSE-1A5-R:
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | Form A (SPST-NO: Single Pole Single Throw - Normally Open) |
| **Switching Voltage** | Max 200V DC |
| **Switching Current** | Max 0.5A |
| **Power Rating** | Max 10VA (Watts) |
| **Contact Resistance** | < 150 mΩ |
| **Operating Temperature** | -20°C to +85°C |
| **Termination Style** | Wire Leads / Solder Tabs |
---
### 2. Functional Description
The device operates on the principle of magnetism. Inside the plastic housing is a **Reed Switch**, which consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope.
* **Non-Contact Operation:** When a permanent magnet or an electromagnet comes within the "sensing range," the magnetic flux causes the internal reeds to attract each other and touch, completing the circuit.
* **Normally Open (NO):** In its default state (without a magnet nearby), the circuit is broken. It only conducts electricity when triggered.
---
### 3. Common Applications
Due to its reliability and protection from environmental factors, the FSE-1A5-R is used in several industries:
* **Security Systems:** Detecting when a door or window is opened.
* **Industrial Automation:** Position sensing for hydraulic cylinders or robotic arms.
* **Automotive:** Seatbelt buckle detection or fluid level sensing.
* **Consumer Electronics:** Counting rotations in fitness equipment or lid-closure detection in laptops.
---
### 4. Implementation Example
To use this in a basic Arduino or microcontroller project, you would treat it like a standard push-button.
```cpp
const int sensorPin = 2; // Connect FSE-1A5-R to Pin 2
void setup() {
pinMode(sensorPin, INPUT_PULLUP); // Use internal pull-up resistor
Serial.begin(9600);
}
void loop() {
int sensorState = digitalRead(sensorPin);
if (sensorState == LOW) {
Serial.println("Magnet Detected: Circuit Closed");
} else {
Serial.println("No Magnet: Circuit Open");
}
delay(100);
}
```
- ⤷
What is the maximum sensing distance for the FSE-1A5-R?
- ⤷ Can this sensor be used for AC voltage applications?
- ⤷ How do I choose the right magnet strength for this reed sensor?