FSLM2520-R47
AI

## Analysis of the FSLM2520-R47 Electronic Component
The **FSLM2520-R47** is a surface-mount (SMD) wire-wound chip inductor. It is part of the FSLM series, typically manufactured by companies like **TDK** or **Murata** (often categorized under signal line inductors).
---
### 1. General Specifications
The part number itself follows a standard naming convention that describes its physical and electrical characteristics:
| Parameter | Specification |
|:---|:---|
| **Inductance** | 0.47 µH (470 nH) |
| **Tolerance** | ±20% (Standard for this series) |
| **Case Size** | 2520 (Metric) / 1008 (Imperial) |
| **Dimensions** | 2.5mm x 2.0mm x 1.8mm |
| **Core Material** | Ferrite |
| **Structure** | Wire-wound |
---
### 2. Electrical Characteristics
These parts are designed for high-frequency stability and general-purpose filtering.
* **Rated Current:** Typically ranges between **300mA to 450mA** (depending on the specific manufacturer's thermal limits).
* **DC Resistance (DCR):** Low resistance, usually around **0.35Ω to 0.50Ω**, to minimize power loss.
* **Self-Resonant Frequency (SRF):** High SRF (often >200 MHz), making it suitable for high-frequency signal processing.
* **Q Factor:** Moderate quality factor, ensuring efficient energy storage in resonant circuits.
---
### 3. Key Features and Applications
The FSLM2520 series is known for its balance between size and performance.
#### Features:
* **Wire-wound Construction:** Provides higher current handling and lower DCR compared to multilayer inductors.
* **Excellent Solderability:** Designed for reflow soldering with robust terminal strength.
* **Compact Footprint:** The 2520 size is ideal for space-constrained PCB designs.
#### Common Applications:
1. **RF Circuits:** Used in impedance matching and resonance.
2. **Filtering:** Decoupling and noise suppression in power lines for mobile devices.
3. **Signal Conditioning:** Used in video and communication equipment to maintain signal integrity.
4. **Consumer Electronics:** Found in digital cameras, hard drives, and portable media players.
---
### 4. Part Number Breakdown
```text
FSLM 2520 - R47 M
| | | |
Series Size Inductance Tolerance (e.g., M=20%)
(0.47uH)
```
- ⤷What is the maximum operating temperature for the FSLM2520 series?
- ⤷ Can this inductor be used in high-power switching regulators?
- ⤷ What are the primary differences between ferrite and ceramic core inductors in this size?