Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FSMD001-0603-R

  • AI
    The **FSMD001-0603-R** is a surface-mount Resettable Positive Temperature Coefficient (PTC) device, commonly referred to as a **PolySwitch** or **Resettable Fuse**. It is manufactured by companies like **Formosa MS** (FMS) and is designed to protect electronic circuits from overcurrent and overtemperature conditions. --- ### ## Technical Specifications The part number follows a specific nomenclature that defines its footprint and performance characteristics. | Parameter | Specification | | :--- | :--- | | **Package Size** | 0603 (1.6mm × 0.8mm) | | **Hold Current ($I_{hold}$)** | 0.01 A (10 mA) | | **Trip Current ($I_{trip}$)** | 0.03 A (30 mA) | | **Max Voltage ($V_{max}$)** | 60V | | **Max Current ($I_{max}$)** | 40A | | **Typical Power ($P_d$ )** | 0.50 W | | **Response Time** | Fast | --- ### ## Core Working Principle The device is made of a composite of semi-conductive polymers and conductive particles. 1. **Normal State:** Under normal operating currents, the conductive particles form a low-resistance path, allowing current to flow freely. 2. **Fault State (Trip):** If an overcurrent occurs, the internal temperature of the device rises due to $I^2R$ heating. The polymer expands, breaking the conductive chains. The resistance increases exponentially, limiting the current to a safe level. 3. **Reset State:** Once the power is removed and the fault is cleared, the device cools down, the polymer contracts, and the conductive paths are restored. --- ### ## Key Features * **Surface Mount Design:** The 0603 footprint is extremely small, making it ideal for high-density PCB designs (smartphones, wearables). * **Resettable:** Unlike traditional wire fuses, it does not need to be replaced after a fault event. * **Low Resistance:** Provides minimal voltage drop in the circuit during normal operation. * **RoHS Compliant:** Lead-free and environmentally friendly. --- ### ## Typical Applications Due to its very low hold current (10mA), this specific model is used for protecting sensitive, low-power signals rather than power rails. * **USB Port Protection:** Protecting data lines. * **Battery Management:** Overcharge protection for small Li-ion cells. * **Sensors:** Protecting delicate analog/digital sensor inputs. * **LCD Modules:** Overcurrent protection for display drivers. --- ### ## Example Circuit Integration In a typical circuit, the FSMD001 is placed in series with the load. ```c [Power Source] ---- [FSMD001-0603-R] ---- [Sensitive Load] ---- [GND] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between hold current and trip current?
    • ⤷ How does ambient temperature affect the performance of this PPTC?
    • ⤷ Can this device be used for high-speed data line protection?