FSMD020-1206-R
AI

The **FSMD020-1206-R** is a Surface Mount Device (SMD) Resettable PTC (Positive Temperature Coefficient) fuse, commonly known as a **PolySwitch**. It is designed to provide overcurrent protection for electronic circuits.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the FSMD020-1206-R:
| Feature | Specification |
| :--- | :--- |
| **Package / Case** | 1206 (3216 Metric) |
| **Hold Current ($I_{hold}$)** | 0.20 A (200 mA) |
| **Trip Current ($I_{trip}$)** | 0.42 A (420 mA) |
| **Max Voltage ($V_{max}$)** | 30V |
| **Max Current ($I_{max}$)** | 100A |
| **Typical Power ($P_d$)** | 0.6 W |
| **Resistance (Min/Max)** | $0.650 \Omega$ to $3.500 \Omega$ |
---
### 2. How it Works
The FSMD020-1206-R functions as a "resettable" fuse through the following cycle:
1. **Normal State:** The device has very low resistance, allowing normal current to flow to the circuit.
2. **Fault State (Overcurrent):** If the current exceeds the trip threshold ($I_{trip}$), the internal polymer heats up rapidly.
3. **Tripped State:** The heat causes the polymer to expand into an amorphous state, increasing the resistance exponentially. This limits the current to a safe leakage level.
4. **Reset State:** Once the power is removed and the fault is cleared, the device cools down, the polymer shrinks, and the resistance returns to a low value.
---
### 3. Key Components & Material
* **Conductive Polymer:** The core is made of a non-conductive polymer mixed with carbon black particles.
* **Terminations:** Solderable nickel/gold or tin plating for surface mount assembly.
* **Standard Compliance:** RoHS compliant, Lead-free, and usually Halogen-free.
---
### 4. Common Applications
Due to its small 1206 footprint and 200mA hold current, this part is ideal for:
* **USB Port Protection:** Safeguarding peripherals against shorts.
* **Battery Packs:** Protecting cells from over-discharge or short circuits.
* **Motherboards:** Protecting signal lines and I/O ports.
* **LED Drivers:** Preventing thermal runaway in lighting circuits.
---
- ⤷What is the difference between I-hold and I-trip in PTC fuses?
- ⤷ How does ambient temperature affect the performance of the FSMD020?
- ⤷ Can this fuse be used in AC voltage applications?