Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FSMD050-30-R

  • AI
    ## FSMD050-30-R: Electronic Component Overview The **FSMD050-30-R** is a Surface Mount Device (SMD) **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse. It is commonly used for overcurrent protection in electronic circuits. Unlike traditional fuses that blow and must be replaced, a PPTC "trips" into a high-resistance state and resets once the fault is removed and the power is cycled. --- ### 1. Key Technical Specifications The following table outlines the critical electrical characteristics of the FSMD050-30-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.50 A | The maximum current the device will pass without tripping at 23°C. | | **Trip Current ($I_{trip}$)** | 1.00 A | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 30 V | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 100 A | The maximum fault current the device can safely interrupt. | | **Typical Power ($P_d$)** | 0.9 W | Power dissipated when the device is in its tripped state. | | **Package Size** | 1210 (EIA) | Physical dimensions: 3.2 x 2.5 mm. | | **Termination** | RoHS Compliant | Lead-free finish, suitable for SMT reflow soldering. | --- ### 2. Physical and Operational Characteristics #### How it Works 1. **Normal State:** The conductive polymer is in a crystalline state, allowing electrons to flow easily through carbon chains (Low Resistance). 2. **Fault State (Overcurrent):** Excessive current generates heat ($I^2R$). The polymer expands and becomes amorphous, breaking the carbon chains (High Resistance). 3. **Reset State:** Once the fault is cleared and the temperature drops, the polymer re-crystallizes, restoring the conductive paths. #### Package Construction * **Form Factor:** 1210 Surface Mount. * **Material:** Conductive polymer mixed with carbon black, sandwiched between two metal electrodes. * **Marking:** Usually marked with "050" to denote the 0.5A hold current. --- ### 3. Common Applications Due to its 30V rating and 0.5A hold current, this part is ideal for: * **USB Port Protection:** Protecting against shorts in peripheral devices. * **HDMI/DisplayPort:** Signal line protection. * **Motherboards:** Protecting low-voltage logic circuits. * **Battery Packs:** Preventing overcurrent during charging or discharging. * **Automotive Electronics:** Interior lighting or infotainment sensors. --- ### 4. Circuit Protection Comparison | Feature | FSMD050-30-R (PPTC) | Standard Glass Fuse | | :--- | :--- | :--- | | **Resetability** | Resettable multiple times | Single-use (Must be replaced) | | **Resistance** | Higher initial resistance | Lower resistance | | **Response Time** | Relatively slow (thermal) | Very fast (melting) | | **Space Efficiency** | High (SMD 1210) | Low (requires holder or clips) |
    ✨ Follow-up Questions
    • ⤷ How does the ambient temperature affect the hold current of the FSMD050-30-R?
    • ⤷ What is the typical 'Time to Trip' for this device at 2.5A?
    • ⤷ Can this fuse be used in AC power applications?