AI

The **FSP-1D-R** is an industrial-grade, single-channel signal surge protective device (SPD) manufactured by **CITEL**. It is primarily designed to protect sensitive electronic equipment connected to data, signal, or communication lines from transient overvoltages (surges) caused by lightning or switching events.
Below is an explanation of its electronic composition, specifications, and operation.
---
### 1. Electronic Architecture and Components
The FSP-1D-R uses a **hybrid multi-stage protection circuit** to ensure both high energy handling and fast response times.
| Component Type | Function |
| :--- | :--- |
| **Gas Discharge Tube (GDT)** | The primary stage of defense. It handles high-energy surges by ionizing gas to create a low-impedance path to ground. |
| **Metal Oxide Varistors (MOV)** | Provides secondary clamping. It acts as a fast-acting voltage-dependent resistor to limit the voltage spike. |
| **Decoupling Impedance** | Inductors or resistors placed between stages to coordinate the firing of the GDT and the clamping of the MOV/diodes. |
| **Clamping Diodes (SAD)** | Silicon Avalanche Diodes provide the final precision stage, ensuring ultra-fast response (picoseconds) and low residual voltage. |
---
### 2. Key Technical Specifications
These parameters define the electronic limits and performance of the device:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Nominal Voltage ($U_n$)** | 5V, 12V, 24V, or 48V (Model dependent) |
| **Max Continuous Voltage ($U_c$)** | ~7.7V to 60V (Model dependent) |
| **Discharge Current ($I_n$)** | 5 kA (8/20µs waveform) |
| **Max Discharge Current ($I_{max}$)** | 10 kA (8/20µs waveform) |
| **Response Time ($t_A$)** | < 1 nanosecond |
| **Insertion Loss** | < 1 dB (typically up to 10 MHz) |
| **Connection Type** | Screw terminals for easy field wiring |
---
### 3. Electronic Features
* **Remote Signaling (-R suffix):** The "R" in FSP-1D-R signifies the inclusion of a **remote contact**. This is a dry contact (relay) that changes state if the internal thermal fuse trips or the component fails, allowing a PLC or monitoring system to detect that the protector needs replacement.
* **DIN Rail Mounting:** The base is designed to clip onto a standard 35mm DIN rail, which also serves as the functional earthing (grounding) point for the device.
* **Plug-in Module:** The electronic protection components are housed in a removable module. This allows for maintenance or replacement without disconnecting the field wiring from the base.
---
### 4. Circuit Diagram Logic
The FSP-1D-R follows a "Common Mode" and "Differential Mode" protection logic:
1. **Line to Line:** Protects the equipment from spikes occurring between the two signal wires.
2. **Line to Ground:** Diverts massive surge currents from the signal wires directly to the Earth/Ground terminal.
---
- ⤷
What is the specific application difference between the 24V and 48V versions of the FSP-1D-R?
- ⤷ How do you wire the remote signaling contact to a PLC?
- ⤷ What is the maximum frequency range this device can handle without signal degradation?