FST-2
AI

The **FST-2** (often associated with elevator control systems or specific industrial automation modules) is a sophisticated control board designed to manage complex logic, power distribution, and communication between peripheral devices.
Below is a breakdown of the electronic components and architecture typically found in an FST-2 controller.
---
### 1. Main Electronic Architecture
The FST-2 functions as a centralized "brain." It integrates microprocessing power with robust Input/Output (I/O) protection.
| Component Group | Function | Key Electronic Parts |
| :--- | :--- | :--- |
| **Processor Core** | Logic execution and timing | 32-bit Microcontroller (MCU) or DSP |
| **Memory** | Firmware and error logging | Flash Memory & EEPROM (Non-volatile) |
| **Power Management** | Voltage regulation | Switching Regulators, Buck Converters (24V to 5V/3.3V) |
| **Communication** | Data exchange | CAN-bus Transceivers, RS-485, and Ethernet ports |
| **Interface** | User interaction | LCD Display drivers and tactile push-buttons |
---
### 2. Key Electronic Parts Breakdown
#### A. Input/Output (I/O) Circuitry
The FST-2 uses **Optocouplers** (Optical Isolators) for its digital inputs. This protects the sensitive microprocessor from high-voltage spikes or electrical noise coming from external sensors or switches.
* **LED Indicators:** SMT (Surface Mount) LEDs are usually placed next to every I/O terminal to provide visual diagnostic feedback.
#### B. Relay Outputs
For controlling high-load peripherals (such as motor contactors or door drives), the FST-2 employs mechanical or **Solid-State Relays (SSRs)**.
* **Protection:** These are usually accompanied by flyback diodes to prevent inductive voltage spikes when the relay coil de-energizes.
#### C. Communication Modules
The FST-2 is known for its "Plug-and-Play" capabilities, facilitated by:
* **CAN-bus Controllers:** Allows the board to talk to landing calls and car electronics using only two wires.
* **USB Port:** Typically used for firmware updates or connecting a PC for advanced diagnostics.
#### D. The Safety Chain Interface
A critical part of the FST-2 electronics is the monitoring of the **Safety Circuit**. This involves:
* High-impedance voltage dividers.
* Safety-rated capacitors and fuses (PTC thermistors) for overcurrent protection.
---
### 3. Technical Specifications Table
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 24V DC (+/- 10%) |
| **Power Consumption** | Approx. 5W - 10W |
| **Temperature Range** | 0°C to +60°C |
| **Mounting Type** | DIN Rail or Standoffs |
| **Connectivity** | LON, CAN, RS-232, USB |
---
### 4. Diagnostic Code Example
The internal electronics monitor the board's health. You can often interface with the board via a terminal to see raw data:
```bash
# Example of status polling via Serial interface
> GET_STATUS
SYS_VOLT: 24.1V [OK]
CAN_BUS: ACTIVE [OK]
TEMP: 42C [NORMAL]
ERROR_LOG: 0 [NONE]
```
- ⤷
What are the common failure points in FST-2 electronic circuits?
- ⤷ How do you perform a firmware update on an FST-2 controller?
- ⤷ What is the difference between FST-2 and FST-3 boards?