Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST-F

  • AI
    The **FST-F** series typically refers to a high-performance range of **Industrial Fiber Optic Sensors** (often associated with brands like Panasonic/Sunx or Takex). These devices are used for precision detection in automated manufacturing environments. Below is an explanation of the core electronic components and functional parts of an FST-F sensor. --- ### 1. Core Electronic Components The electronics within an FST-F unit are divided into the emitting circuit, the receiving circuit, and the output logic. | Component | Function | Description | | :--- | :--- | :--- | | **Emitter (LED)** | Light Source | High-intensity Red or Infrared LED that pulses light into the fiber cable. | | **Receiver (Photodiode)** | Light Detection | A high-speed silicon photodiode that converts incoming photons back into electrical current. | | **Microprocessor (MCU)** | Processing | Analyzes the signal strength against a set threshold to determine "Light ON" or "Dark ON" states. | | **Potentiometer/Buttons** | Sensitivity Adjustment | Electronic or manual trimmer used to calibrate the detection distance. | | **ASIC Chip** | Logic Control | Application-Specific Integrated Circuit that manages timing and prevents interference from other sensors. | --- ### 2. Functional Interfaces The FST-F series is designed to interface with PLCs (Programmable Logic Controllers) and other industrial hardware. #### Wiring & Output Specs * **Power Supply:** Usually operates on **12-24V DC**. * **Output Types:** * **NPN:** Sinking output (connects the load to the negative rail). * **PNP:** Sourcing output (connects the load to the positive rail). * **Protection Circuits:** Most models include **Reverse Polarity Protection** and **Short-Circuit Protection** to prevent electronic failure during installation errors. --- ### 3. Indicator LEDs and Display The electronic housing features visual feedback components: 1. **Operation Indicator (Orange/Yellow):** Lights up when the output is active. 2. **Stability Indicator (Green):** Lights up when the received light level is sufficiently above or below the threshold, ensuring reliable operation. 3. **Digital Display (Select Models):** Some FST-F variants feature a dual-digital display showing the current light intensity (Incidence) and the Threshold value. --- ### 4. Technical Specifications Table | Feature | Standard Rating | | :--- | :--- | | **Response Time** | < 250μs to 1ms (depending on mode) | | **Current Consumption** | 30mA - 40mA | | **Control Output** | Max 100mA load current | | **Operating Temp** | -10°C to +55°C | --- ### 5. Connection Diagram (General) ```mermaid graph LR A[Brown: +V 12-24VDC] --- B[FST-F Amplifier] C[Blue: 0V/GND] --- B B --- D[Black: Control Output] B --- E[Pink: External Teach/Input] ```
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the sensitivity on an FST-F sensor?
    • ⤷ What is the difference between NPN and PNP wiring for these sensors?
    • ⤷ Can FST-F sensors be used with different types of fiber optic cables?