Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST10145

  • AI
    ### Overview of FST10145 The **FST10145** is a high-power Schottky Barrier Rectifier, typically housed in a low-profile power package (such as the TO-249 or similar "Full Pack" designs). It is primarily used for high-frequency rectification and freewheeling applications in switching power supplies. --- ### Key Technical Specifications The performance of the FST10145 is defined by its ability to handle high currents with minimal voltage drop. | Parameter | Value | Description | | :--- | :--- | :--- | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 100 Amps | Total current the device can handle (often 50A per leg). | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 45 Volts | Maximum reverse voltage before breakdown. | | **Maximum Forward Voltage Drop ($V_F$)** | ~0.60V - 0.70V | Typical drop at rated current (depends on temperature). | | **Operating Temperature Range** | -55°C to +150°C | The thermal limits for the silicon junction. | | **Configuration** | Common Cathode | Usually two diodes sharing a center terminal. | --- ### Internal Electronic Structure The FST10145 utilizes a **Schottky Barrier** instead of a traditional P-N junction. * **Metal-Semiconductor Junction:** It uses a junction between a metal (like Platinum or Tungsten) and an N-type semiconductor. * **Majority Carrier Device:** Since there is no minority carrier recombination, the switching speed is extremely fast (nanoseconds). * **Low Forward Voltage:** The barrier height is lower than a standard silicon diode, resulting in significantly lower power dissipation during conduction. --- ### Critical Electronic Considerations #### 1. Thermal Management Because this part handles up to 100A, heat dissipation is critical. * **Heat Sinking:** The part must be bolted to a heatsink. * **Thermal Resistance:** Typically, the $R_{\theta JC}$ (Junction to Case) is very low to allow efficient heat transfer. #### 2. Reverse Leakage Current Schottky diodes have higher reverse leakage currents than standard diodes. As the temperature of the FST10145 increases, the leakage current grows exponentially, which can lead to **thermal runaway** if not properly managed. #### 3. Surge Handling The device is designed to handle high non-repetitive surge currents ($I_{FSM}$), often rated above 500-800 Amps for short durations (e.g., 8.3ms half-sine waves). --- ### Common Applications * **Switching Mode Power Supplies (SMPS):** Used on the secondary side for output rectification. * **Battery Chargers:** Efficiently converting AC to DC for high-current battery banks. * **Solar Converters:** Used as bypass or blocking diodes to prevent reverse current flow. * **OR-ing Diodes:** In redundant power systems to combine multiple power rails.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the FST10145 in a TO-249 package?
    • ⤷ How does the forward voltage drop change as the junction temperature increases?
    • ⤷ What are the recommended snubber circuit values to protect this diode from voltage spikes?