Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST10180

  • AI
    The **FST10180** is a high-power Schottky Barrier Rectifier diode. It is commonly used in industrial power supplies, battery chargers, and converters where high efficiency and low voltage drops are critical. --- ## 1. Technical Specifications The part number follows a standard convention where "101" usually refers to the average forward current and "80" refers to the peak reverse voltage. | Parameter | Value | Description | | :--- | :--- | :--- | | **Average Rectified Forward Current ($I_{F(AV)}$)** | 100 A | Maximum continuous current (50A per leg) | | **Max. Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 80 V | Maximum voltage it can block | | **Max. Forward Voltage Drop ($V_F$)** | ~0.75 V to 0.84 V | Typical voltage lost at full load | | **Max. Surge Current ($I_{FSM}$)** | 800 A - 1000 A | 8.3ms half sine-wave peak | | **Operating Temperature ($T_j$)** | -55 to +150 °C | Safe temperature range for the junction | --- ## 2. Package and Configuration The FST10180 typically comes in a **TO-249 (or MiniMod)** style package. This is a large, screw-mounted module designed for high-current applications and heat dissipation. * **Common Cathode / Common Anode:** Usually, these modules contain two diode chips (dual center tap). * **Case Material:** Molded plastic with an isolated or non-isolated metal baseplate. * **Terminals:** Heavy-duty lugs designed for high-gauge wire or busbars. --- ## 3. Key Electronic Features * **Schottky Barrier Technology:** Unlike standard silicon diodes, Schottky diodes use a metal-semiconductor junction. This results in much faster switching speeds and lower forward voltage. * **Low Power Loss:** Because the forward voltage ($V_F$) is low, the device generates less heat, increasing the overall efficiency of the power system. * **Guard Ring Protection:** Most FST series diodes include a guard ring for transient protection and improved $dv/dt$ (voltage change over time) capability. --- ## 4. Typical Applications The high current capacity (100A) makes this part ideal for: 1. **Switching Power Supplies:** Used as an output rectifier. 2. **Free-Wheeling Diodes:** Used to protect circuits from inductive kicks in motor controllers. 3. **Reverse Battery Protection:** Preventing damage if batteries are connected backwards in heavy equipment. 4. **Welding Equipment:** Rectifying high-current AC to DC. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the FST10180 TO-249 package?
    • ⤷ How does the FST10180 compare to the FST10145 in terms of voltage limits?
    • ⤷ What are the heat sinking requirements for operating this diode at full 100A load?