Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST102

  • AI
    The **FST102** typically refers to a high-speed, low-voltage bus switch or a specific sensor module (most commonly the **FST102 temperature and humidity transmitter** or a **Bus Switch IC**). Below is an analysis of the electronic components and technical specifications based on the most common application: the **FST102 Bus Switch IC**. --- ### 1. Key Electronic Specifications The FST102 is a 2-bit high-speed CMOS TTL-compatible bus switch. It allows signals to pass between ports with minimal propagation delay and no added ground bounce noise. | Parameter | Value/Range | | :--- | :--- | | **Operating Voltage (Vcc)** | 4.0V to 5.5V | | **Propagation Delay** | < 0.25 ns | | **On-State Resistance (Ron)** | 5Ω (Typical) | | **Input/Output Capacitance** | 5 pF to 10 pF | | **Package Types** | SOIC, TSSOP, MSOP | --- ### 2. Functional Components (Internal) The internal architecture of the FST102 consists of the following electronic parts: 1. **N-Channel MOSFETs:** These act as the primary switching elements. When the control gate is high, the MOSFET provides a low-resistance path between Port A and Port B. 2. **Control Logic (OE - Output Enable):** High-speed CMOS logic gates that interpret the enable signal to connect or disconnect the bus lines. 3. **ESD Protection Diodes:** Integrated at the I/O pins to protect the silicon from electrostatic discharge and overvoltage transients. 4. **Substrate/Lead Frame:** Usually copper-based with gold or tin plating to ensure high conductivity and thermal dissipation. --- ### 3. Pin Configuration For a standard 8-pin FST102 package: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **1B1** | Port 1, Channel B | | 2 | **1A** | Port 1, Channel A | | 3 | **2A** | Port 2, Channel A | | 4 | **GND** | Ground | | 5 | **2B1** | Port 2, Channel B | | 6 | **2OE** | Output Enable for Port 2 (Active Low) | | 7 | **1OE** | Output Enable for Port 1 (Active Low) | | 8 | **Vcc** | Power Supply | --- ### 4. Application Context * **Bus Isolation:** Used to isolate heavily loaded buses to improve signal integrity. * **Voltage Translation:** Can perform 5V to 3.3V translation if configured correctly with a diode or specific biasing. * **Hot-Swapping:** Allows for the insertion of boards into a live backplane without disrupting data flow. --- ### 5. Alternative: FST102 Sensor Module If your inquiry refers to the **FST102 Industrial Sensor**, the internal parts include: * **Sensing Element:** Capacitive polymer for humidity and a PT100/PT1000 for temperature. * **Signal Conditioner:** An ADC (Analog-to-Digital Converter) to process the raw analog signals. * **Communication Bridge:** RS485 (Modbus RTU) or 4-20mA current loop driver.
    ✨ Follow-up Questions
    • ⤷What is the difference between FST102 and FST3125 bus switches?
    • ⤷ How do you calculate the power dissipation for an FST102 IC?
    • ⤷ Can the FST102 be used for bi-directional data transmission?