FST15135
AI

## Technical Overview of the FST15135
The **FST15135** is a high-power, high-voltage Schottky Rectifier Module. It is typically designed for heavy-duty industrial applications where low power loss and high efficiency are critical requirements. It usually features a dual-diode configuration in a standard power package.
---
### 1. Key Technical Specifications
The following table summarizes the typical electrical characteristics of the FST15135:
| Parameter | Symbol | Typical Value | Unit |
|:---|:---:|:---:|:---:|
| **Max. Recurrent Peak Reverse Voltage** | $V_{RRM}$ | 35 | Volts (V) |
| **Max. Average Forward Current** | $I_{F(AV)}$ | 150 | Amperes (A) |
| **Max. Peak Forward Surge Current** | $I_{FSM}$ | 1500 | Amperes (A) |
| **Max. Forward Voltage Drop** | $V_F$ | 0.60 - 0.70 | Volts (V) |
| **Operating Junction Temperature** | $T_j$ | -55 to +150 | °C |
---
### 2. Physical Construction and Features
The FST15135 is built for durability and performance in harsh environments:
* **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to provide extremely fast switching speeds and low forward voltage drops.
* **Module Package:** Usually comes in a "Half-Pack" or similar isolated baseplate package, allowing for direct mounting to heat sinks.
* **Common Cathode/Anode:** Most models are configured as a center-tap dual diode, allowing for full-wave rectification in a compact footprint.
* **Guard Ring:** Includes a guard ring for overvoltage protection and increased ruggedness against transients.
---
### 3. Application Areas
Due to its high current handling and low loss characteristics, the FST15135 is commonly found in:
1. **Switching Power Supplies (SMPS):** Used in the output rectification stage to improve efficiency.
2. **Battery Chargers:** High-current charging circuits for industrial vehicles or UPS systems.
3. **Welding Equipment:** Direct current (DC) output stages in arc welders.
4. **Free-wheeling Diodes:** Used to protect circuits from inductive kicks in motor drives and converters.
---
### 4. Circuit Symbol Representation
In a schematic, the FST15135 is represented as a dual diode with a shared terminal:
```text
(Anode 1) o----|>|----o (Common Cathode)
|
(Anode 2) o----|>|----o
```
- ⤷
What are the cooling requirements for a 150A Schottky module like the FST15135?
- ⤷ Can the FST15135 be used in series for higher voltage applications?
- ⤷ What is the difference between the FST15135 and a standard silicon rectifier?