Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST15140

  • AI
    ## Technical Overview of the FST15140 The **FST15140** is a high-power **Schottky Barrier Rectifier** module. It is designed for applications requiring high efficiency, low forward voltage drops, and high current handling capabilities. These are typically used in industrial power supplies and heavy-duty battery chargers. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the FST15140: | Parameter | Symbol | Typical Value | Unit | |:---|:---:|:---:|:---:| | **Maximum Recurrent Peak Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Maximum Average Forward Current** | $I_{F(AV)}$ | 150 | A | | **Maximum Forward Voltage Drop** (at 75A) | $V_F$ | 0.65 | V | | **Maximum DC Reverse Current** (at $25^\circ C$) | $I_R$ | 5.0 | mA | | **Operating Junction Temperature** | $T_j$ | -55 to +150 | $^\circ C$ | --- ### 2. Main Features * **High Surge Capacity:** Designed to withstand high temporary current surges (Non-repetitive peak forward surge current can reach up to 2000A for 8.3ms). * **Low Power Loss:** Due to the Schottky barrier technology, it has a very low forward voltage drop, which minimizes heat generation. * **Dual Diode Configuration:** Usually configured as a "Common Cathode" or "Center Tap" module, allowing it to act as a full-wave rectifier in a compact package. * **Isolated Base:** The internal circuitry is electrically isolated from the mounting base, allowing multiple modules to be mounted on the same heatsink without short circuits. --- ### 3. Physical Package & Pinout The FST15140 typically comes in a **TO-249** or similar high-power industrial bolt-down package. * **Terminal 1:** Anode 1 * **Terminal 2:** Anode 2 * **Terminal 3 (or Case):** Common Cathode --- ### 4. Common Applications Due to its 150A current rating and low voltage drop, it is ideal for: 1. **Switching Power Supplies (SMPS):** Output rectification for low voltage, high current rails. 2. **Battery Chargers:** High-efficiency charging for industrial lead-acid or lithium banks. 3. **Solar Inverters:** Used in DC-DC converters to prevent reverse current flow. 4. **Welding Equipment:** Industrial-grade DC welding power sources. --- ### 5. Implementation Considerations ```c // Note on Thermal Management /* Because the FST15140 handles up to 150A, heat dissipation is critical. 1. Always use Thermal Interface Material (TIM) like thermal grease. 2. Ensure the heatsink is sized for at least 100W of heat dissipation depending on the load duty cycle. 3. Tighten mounting screws to the specified torque (usually 25-35 lb-in) to ensure optimal thermal contact. */ ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FST15140 and a standard silicon diode?
    • ⤷ Can the FST15140 be used in AC to DC bridge rectifiers?
    • ⤷ What are the specific cooling requirements for a 150A load?