FST19040
AI

The **FST19040** is a high-performance **Schottky Rectifier Diode** module, typically used in high-frequency switching power supplies and industrial power systems. It is known for its "Common Cathode" configuration and its ability to handle high currents with minimal power loss.
---
## 1. Technical Specifications
Below is a summary of the core electronic characteristics of the FST19040:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Max. Recurrent Peak Reverse Voltage** | $V_{RRM}$ | 40 V |
| **Max. Average Forward Current** | $I_{F(AV)}$ | 190 A |
| **Max. Forward Voltage Drop** | $V_{F}$ | 0.70 V (at 95A) |
| **Max. Peak Forward Surge Current** | $I_{FSM}$ | 1000 A (8.3ms half-sine) |
| **Operating Junction Temperature** | $T_{J}$ | -55 to +150 °C |
| **Case Style** | Package | TO-249 / Half-Pak |
---
## 2. Key Electronic Components & Features
### A. Schottky Barrier Technology
Unlike standard PN junction diodes, the FST19040 utilizes a **metal-to-silicon junction**. This results in:
* **Low Forward Voltage ($V_F$):** Reduces power dissipation, making it highly efficient.
* **Fast Switching:** Schottky diodes have zero reverse recovery time ($t_{rr}$), making them ideal for high-speed circuits.
### B. Common Cathode Configuration
The "FST" series usually indicates a dual-diode internal structure or a specific polarity. In the 19040 model, the device is often packaged to allow high-current flow from two anodes to a single common cathode, which simplifies wiring in **Rectifier Bridges** or **OR-ing circuits**.
### C. Thermal Management (The Baseplate)
The physical part includes a metal baseplate that is electrically isolated or specifically bonded to act as a heat sink interface. Because it handles **190 Amps**, managing thermal resistance ($R_{\theta JC}$) is critical to prevent thermal runaway.
---
## 3. Typical Applications
The electronic properties of the FST19040 make it suitable for specific high-power roles:
1. **Switching Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC to DC.
2. **Battery Chargers:** High current capacity allows for rapid charging of industrial battery banks.
3. **Welding Equipment:** Used to rectify the secondary side of welding transformers.
4. **Reverse Polarity Protection:** Protecting large-scale DC systems from accidental battery reversal.
---
## 4. Internal Circuit Diagram
Typically, the module represents two diodes connected as follows:
```text
Anode 1 (Pin 1) ----|>|----|
|---- Cathode (Base/Case or Pin 2)
Anode 2 (Pin 3) ----|>|----|
```
- ⤷
What are the cooling requirements for an FST19040 at maximum current?
- ⤷ How does the forward voltage drop change with temperature in this Schottky diode?
- ⤷ Can the FST19040 be used in series for higher voltage applications?