FST193
AI

The **FST193** (often associated with the prefix **ST FST193**) is a high-speed CMOS 10-bit bus switch. It is designed to provide high-speed switching and level shifting for digital signals in computing and telecommunications systems.
---
## 1. Core Technical Specifications
The FST193 belongs to the "Bus Switch" family of integrated circuits. Its primary function is to connect or disconnect two buses without adding significant propagation delay.
| Feature | Specification |
| :--- | :--- |
| **Logic Family** | FST (Fast CMOS) |
| **Channel Count** | 10-Bit (10 individual switches) |
| **Voltage Range** | 4.0V to 5.5V (Standard TTL Compatible) |
| **Propagation Delay** | < 0.25 ns (Negligible) |
| **On-Resistance ($R_{on}$)** | ~5 $\Omega$ (Typical) |
| **Package Types** | SSOP, TSSOP, QSOP |
---
## 2. Pinout and Internal Logic
The device is typically organized as a 10-bit bus switch with one or more output enable signals.
### Key Pins:
* **$A_0 - A_9$**: Port A Inputs/Outputs.
* **$B_0 - B_9$**: Port B Inputs/Outputs.
* **$\overline{OE}$ (Output Enable)**: Active-low pin. When pulled low (0V), the switch is closed (A is connected to B). When high ($V_{CC}$), the switch is open (high impedance).
---
## 3. Key Electronic Characteristics
### A. Low Propagation Delay
Unlike buffers or transceivers, the FST193 does not have a "drive" stage. It acts like a mechanical wire when the switch is closed. This results in near-zero delay, making it ideal for high-speed memory buses.
### B. Level Shifting Capability
The FST193 can be used for voltage translation (e.g., 5V to 3.3V). By adding a diode in series with the $V_{CC}$ pin, the output voltage swing can be limited to protect lower-voltage downstream components.
### C. Hot-Plug Protection
The device is designed to support "Hot-Swapping." Its high-impedance state during power-down prevents unwanted current backflow into the system bus.
---
## 4. Common Applications
* **Memory Interleaving**: Switching between two different banks of RAM.
* **Bus Isolation**: Separating a motherboard bus from a peripheral slot to prevent noise or loading.
* **Voltage Translation**: Interfacing 5V legacy logic with 3.3V modern microcontrollers.
* **Port Multiplexing**: Routing data from one source to multiple destinations.
---
- ⤷
What is the difference between an FST193 bus switch and a standard 74HC245 buffer?
- ⤷ How do I calculate the voltage drop across an FST193 when it is under load?
- ⤷ Can the FST193 be used for bidirectional data transfer?