Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST1933

  • AI
    The **FST1933** is a high-speed, low-power bus switch integrated circuit. It is part of the Bus Switch family, specifically designed to connect two points in a circuit with minimal propagation delay and near-zero impedance when active. ### 1. Key Technical Specifications The FST1933 typically functions as a 4-bit or 8-bit bus switch (depending on the specific package variant). Below are the general technical parameters: | Parameter | Specification | | :--- | :--- | | **Logic Family** | FST (Bus Switch) | | **Operating Voltage ($V_{CC}$)** | 4.0V to 5.5V | | **Propagation Delay** | < 0.25 ns (Negligible) | | **ON Resistance ($R_{ON}$)** | 3Ω to 7Ω (Typical) | | **Off-state Leakage** | < 1 µA | | **Package Types** | TSSOP, QSOP, SOIC | --- ### 2. Functional Description The device acts like a mechanical relay but uses CMOS transistors to perform the switching at nanosecond speeds. * **Zero Propagation Delay:** Because it acts as a low-resistance path rather than a buffer that regenerates the signal, it adds virtually no timing skew to the system. * **Control Inputs:** It features Output Enable (OE) pins. When OE is LOW, the switch is closed (A is connected to B). When OE is HIGH, the switch is open (high-impedance state). * **Bidirectional Flow:** Signals can pass from A to B or B to A without any additional control. ### 3. Application Examples The FST1933 is commonly used in high-speed digital systems for the following purposes: 1. **Bus Isolation:** Separating a busy processor bus from peripheral components to reduce capacitive loading. 2. **Hot-Plugging:** Allowing components to be inserted or removed from a live system by isolating the electrical path during the insertion. 3. **Voltage Level Shifting:** When used with a diode or specific biasing, it can help bridge 5V and 3.3V logic levels. 4. **Signal Multiplexing:** Switching between two different data sources for a single input. ### 4. Comparison: Bus Switch vs. Logic Buffer | Feature | FST1933 (Bus Switch) | 74HC244 (Buffer) | | :--- | :--- | :--- | | **Propagation Delay** | Minimal (<0.25ns) | Significant (5-10ns) | | **Direction** | Bidirectional | Unidirectional | | **Current Drive** | Low (Pass-through) | High (Active drive) | | **Power Consumption** | Very Low | Moderate | ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 8-bit version of the FST1933?
    • ⤷ How does the FST1933 handle 5V to 3.3V level translation?
    • ⤷ What are the specific thermal limits for this IC during operation?