Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST20100

  • AI
    ## Technical Overview of the FST20100 The **FST20100** is a common high-power Schottky Barrier Rectifier. It is widely used in power supply applications due to its low forward voltage drop and high switching speed. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number** | FST20100 | | **Component Type** | Dual Schottky Barrier Rectifier | | **Max Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 100 V | | **Max Average Forward Rectified Current ($I_{F(AV)}$)** | 20 A (Total) / 10 A (Per Leg) | | **Peak Forward Surge Current ($I_{FSM}$)** | 150 A | | **Typical Forward Voltage ($V_F$)** | 0.70 V to 0.85 V (depending on current) | | **Operating Junction Temperature** | -55°C to +150°C | --- ### 2. Physical and Internal Configuration The FST20100 is typically housed in a **TO-220** or **ITO-220** (isolated) package. Its internal structure is a **Common Cathode** configuration: * **Pin 1:** Anode 1 * **Pin 2:** Cathode (connected to the mounting tab in non-isolated versions) * **Pin 3:** Anode 2 ```mermaid graph TD A1[Pin 1: Anode 1] --> D1((Diode 1)) A2[Pin 3: Anode 2] --> D2((Diode 2)) D1 --> C[Pin 2: Common Cathode] D2 --> C ``` --- ### 3. Core Features 1. **Schottky Barrier Technology:** Uses a metal-to-semiconductor junction rather than a P-N junction. This results in a lower forward voltage drop compared to standard silicon diodes, leading to higher efficiency. 2. **Guard Ring for Stress Protection:** Most FST20100 models include a guard ring for transient protection, enhancing long-term reliability against overvoltage. 3. **Low Power Loss:** Because the $V_F$ is low, the device generates less heat during operation. 4. **High Frequency Operation:** Schottky diodes have negligible reverse recovery time, making them ideal for high-speed switching power supplies. --- ### 4. Typical Applications * **Switching Power Supplies (SMPS):** Used in the output rectification stage. * **Free-Wheeling Diodes:** Used in motor control circuits to protect against inductive spikes. * **DC/DC Converters:** Efficiency enhancement in voltage regulation. * **Reverse Battery Protection:** Preventing damage if power leads are connected incorrectly.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FST20100 and a standard silicon rectifier like the MUR20100?
    • ⤷ How does the Common Cathode configuration affect PCB layout?
    • ⤷ What are the thermal management requirements for running this part at its full 20A rating?