FST20150
AI

The **FST20150** is a high-power Schottky Barrier Rectifier, commonly used in power supplies, converters, and high-frequency applications. It is designed for high efficiency due to its low forward voltage drop.
---
### 1. Key Technical Specifications
The part number "20150" typically denotes its primary ratings: **20 Amps** and **150 Volts**.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Schottky Barrier Rectifier |
| **Max Average Forward Current ($I_{F(AV)}$)** | 20A (usually 10A per leg) |
| **Max Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 150V |
| **Forward Voltage Drop ($V_F$)** | ~0.85V to 0.95V (at full current) |
| **Operating Junction Temperature** | -55°C to +150°C |
| **Package Type** | Common: TO-220AB or ITO-220AB |
---
### 2. Internal Configuration
The FST20150 is usually a **Dual Center-Tap** diode. This means it contains two diodes sharing a common cathode, housed in a single three-pin package.
* **Pin 1:** Anode 1
* **Pin 2:** Common Cathode (Connected to the metal tab)
* **Pin 3:** Anode 2
---
### 3. Core Features
* **Schottky Technology:** Uses a metal-to-semiconductor junction rather than a P-N junction. This results in much faster switching speeds and lower energy loss.
* **Low Power Loss:** Because the forward voltage drop is lower than standard silicon rectifiers, it generates less heat.
* **High Guard Ring:** Most versions incorporate a guard ring for overvoltage protection and increased durability against transient spikes.
---
### 4. Common Applications
Due to its 150V rating and 20A capacity, it is frequently found in:
1. **Switching Mode Power Supplies (SMPS):** Used for output rectification.
2. **DC-DC Converters:** Helping to step down voltages with minimal loss.
3. **Freewheeling Diode:** Protecting circuits from inductive "kickback" in motor controllers.
4. **Reverse Battery Protection:** Ensuring circuits aren't damaged if power is connected backwards.
---
### 5. Implementation Example
In a typical power supply circuit, the FST20150 is used to convert the high-frequency AC output from a transformer into stable DC.
```cpp
// Thermal Consideration Note:
// Despite the 20A rating, a heatsink is MANDATORY.
// Calculation: P_loss = I_forward * V_forward
// At 10A: 10A * 0.9V = 9 Watts of heat per diode.
```
- ⤷What is the difference between FST20150 and a standard silicon rectifier like the 1N5408?
- ⤷ Can I use FST20150 in a 220V AC bridge rectifier circuit?
- ⤷ How do I calculate the required heatsink size for this diode at 15A?