AI

## FST32253QSC: Overview and Technical Details
The **FST32253QSC** is a high-speed CMOS bus switch manufactured by Fairchild Semiconductor (now part of **onsemi**). It is primarily used in digital circuits to connect or isolate signals with minimal propagation delay.
---
### 1. Key Specifications
The following table outlines the fundamental electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | 8-Bit Bus Switch |
| **Configuration** | Dual 4-Bit or Single 8-Bit |
| **Supply Voltage (Vcc)** | 4.0V to 5.5V |
| **Propagation Delay** | 0.25 ns (Max) |
| **On-Resistance (R-on)** | 4Ω (Typical) |
| **Package Type** | QSOP-24 (Quarter Size Outline Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Description
The FST32253 consists of two separate 4-bit switches with individual **Output Enable ($\overline{OE}$)** controls.
* **Switch Mechanism:** It uses N-Channel FETs. When the switch is "ON," it provides a low-resistance path between ports. When "OFF," the ports are in a high-impedance state.
* **Zero Propagation Delay:** Because it is a simple FET switch rather than a buffer, it does not add significant timing delays, making it ideal for high-speed memory or data bus applications.
* **Level Shifting:** While primarily a 5V device, it can be used for voltage translation (e.g., 5V to 3.3V) if the $V_{cc}$ is biased correctly.
---
### 3. Pin Configuration and Logic
The device is typically used to multiplex or demultiplex signals.
| Pin Name | Function |
| :--- | :--- |
| **A0 - A7** | Port A Inputs/Outputs |
| **B0 - B7** | Port B Inputs/Outputs |
| **$\overline{OE}_1, \overline{OE}_2$** | Active Low Output Enables |
| **Vcc** | Power Supply |
| **GND** | Ground |
**Truth Table:**
| $\overline{OE}$ Input | State |
| :--- | :--- |
| LOW (L) | A Port = B Port (Connected) |
| HIGH (H) | Disconnected (High Impedance) |
---
### 4. Typical Applications
1. **Bus Isolation:** Separating a heavily loaded bus into smaller segments to reduce capacitance.
2. **Hot-Plugging:** Protecting sensitive components when peripherals are plugged in while the system is powered.
3. **Memory Interleaving:** Switching between different banks of SDRAM or Flash memory.
4. **Signal Multiplexing:** Routing one data stream to multiple destinations.
---
### 5. Implementation Example (Verilog)
If you were simulating the logic behavior of one 4-bit bank of this switch:
```verilog
module fst32253_model (
input [3:0] A,
inout [3:0] B,
input OE_n
);
// If OE_n is Low, A and B are connected (simplified)
// If OE_n is High, B is High-Z
assign B = (!OE_n) ? A : 4'bzzzz;
endmodule
```
- ⤷
What are the main differences between a bus switch like the FST32253 and a standard buffer?
- ⤷ How does the FST32253 handle voltage level translation between 5V and 3.3V?
- ⤷ What is the impact of the 4-ohm On-Resistance on signal integrity?