FST3230
AI

## FST3230: High-Speed 10-Bit Bus Switch
The **FST3230** is a specialized electronic component categorized as a **10-bit to 20-bit multiplexer/demultiplexer Bus Switch**. It is designed to provide high-speed switching with minimal propagation delay, making it ideal for memory interleaving and data bus management.
---
### 1. Key Technical Specifications
| Parameter | Value / Range |
| :--- | :--- |
| **Logic Family** | FST (Fast Switch Technology) |
| **Operating Voltage ($V_{CC}$)** | 4.0V to 5.5V |
| **Propagation Delay** | < 0.25 ns (Negligible) |
| **On-State Resistance ($R_{ON}$)** | 4Ω (Typical) to 8Ω (Max) |
| **Input Capacitance** | 5 pF (Typical) |
| **Temperature Range** | -40°C to +85°C |
---
### 2. Functional Description
The FST3230 operates as a high-speed interface between two different buses. Because it uses a low-resistance N-channel FET switch, it does not generate additional noise or introduce significant timing delays.
#### Internal Architecture:
* **10-bit Input:** A set of 10 data lines.
* **20-bit Output:** Divided into two banks (Bank A and Bank B).
* **Control Pins:**
* **Select (S0, S1):** Determines which output bank is connected to the input.
* **Output Enable ($\overline{OE}$):** When HIGH, all switches are open (high impedance state).
#### Truth Table
| $\overline{OE}$ | S | Function |
| :--- | :--- | :--- |
| L | L | Input connected to Port A |
| L | H | Input connected to Port B |
| H | X | Disconnected (Hi-Z) |
---
### 3. Key Electronic Characteristics
* **Zero Propagation Delay:** Unlike a standard logic buffer, the FST3230 acts like a closed wire when active. The delay is purely determined by the RC time constant of the switch resistance and the load capacitance.
* **Hot-Insertion Capable:** The device supports "Live Insertion," meaning it can be plugged into a powered system without damaging the bus or the IC.
* **TTL Compatible:** The control inputs are compatible with standard TTL levels, allowing it to interface with 5V microcontrollers and FPGAs easily.
---
### 4. Common Applications
1. **Memory Interleaving:** Switching one data bus between two different memory banks.
2. **Bus Isolation:** Protecting a sensitive processor bus from peripheral noise by disconnecting it when not in use.
3. **Signal Routing:** Using a single controller to communicate with multiple devices by multiplexing the signals.
4. **Voltage Level Shifting:** In specific configurations, it can provide limited 5V to 3.3V translation (when using a diode in the $V_{CC}$ path).
---
- ⤷
What is the difference between an FST3230 and a standard digital multiplexer?
- ⤷ How does the 'Low On-Resistance' affect signal integrity in high-speed circuits?
- ⤷ Can the FST3230 be used for bidirectional data flow?