Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST3244

  • AI
    ## Overview of the FST3244 The **FST3244** is a high-speed CMOS 8-bit bus switch. It is designed to provide low On-resistance (Ron) connections between two ports, allowing for fast signal transmission with minimal propagation delay and noise generation. --- ### 1. Key Technical Specifications The electrical characteristics define how the component behaves within a circuit: | Parameter | Value / Range | Description | | :--- | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 4.0V to 5.5V | Typical operating range. | | **On-Resistance ($R_{on}$)** | ~4$\Omega$ to 8$\Omega$ | Extremely low resistance when active. | | **Propagation Delay** | < 0.25 ns | Near-zero delay through the switch. | | **Output Type** | Tri-state (High-Z) | Disconnects the bus when disabled. | | **Control Logic** | $\overline{OE}$ (Output Enable) | Active-Low logic. | --- ### 2. Pinout Configuration The FST3244 is typically housed in SOIC, TSSOP, or QSOP packages and consists of two banks of 4-bit switches. | Pin Name | Function | | :--- | :--- | | **1$\overline{OE}$, 2$\overline{OE}$** | Control inputs. When LOW, the switches are closed (ON). | | **1A1 - 1A4** | Data Inputs/Outputs for the first bank. | | **1B1 - 1B4** | Matching Port for 1A. | | **2A1 - 2A4** | Data Inputs/Outputs for the second bank. | | **2B1 - 2B4** | Matching Port for 2A. | | **GND / VCC** | Power Supply pins. | --- ### 3. Functional Logic The device acts as a physical wire when enabled. It does not buffer or amplify the signal; it simply connects Port A to Port B. ```text Control Input (OE) | Switch State | Condition -------------------|--------------|---------- L | ON | Port A = Port B H | OFF | High Impedance (Z) ``` --- ### 4. Applications The FST3244 is widely used in digital systems for the following purposes: 1. **Bus Isolation:** Isolating a heavily loaded bus from a CPU to reduce capacitance. 2. **Voltage Level Shifting:** If $V_{CC}$ is set to 5V, it can often interface between 5V and 3.3V logic (depending on the specific diode drop of the NMOS pass transistor). 3. **Hot-Plugging:** Protecting sensitive components when adding or removing peripherals while the system is powered. 4. **Multiplexing:** Routing data from one bus to two different destinations. --- ### 5. Advantages * **Speed:** Because it is a simple FET switch, it does not have the "clock-to-out" delays associated with standard logic gates. * **Low Power:** Minimal static power consumption ($I_{CC} < 10\mu A$). * **Bi-directional:** Data can flow from A to B or B to A without needing a direction control pin.
    ✨ Follow-up Questions
    • ⤷ What is the difference between FST3244 and FST3245?
    • ⤷ Can the FST3244 be used for analog signal switching?
    • ⤷ How do you calculate the power dissipation of a bus switch?