Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST3244QSCX

  • AI
    The **FST3244QSCX** is a high-speed CMOS bus switch manufactured by Fairchild Semiconductor (now part of ON Semiconductor). It belongs to the **Bus Switch (FST)** family, designed for low-impedance switching of digital signals. --- ### ## 1. Technical Overview The FST3244 contains eight high-speed low-resistance CMOS switches. These are organized as two 4-bit switches with separate output-enable ($\overline{OE}$) controls. When $\overline{OE}$ is low, the switch is closed (ON), connecting the A-port to the B-port. ### ## 2. Key Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 4.0V to 5.5V | Standard TTL voltage range | | **On-Resistance ($R_{ON}$)** | 4Ω (Typical) | Ensures minimal signal degradation | | **Propagation Delay** | < 0.25 ns | Extremely fast switching speeds | | **Package Type** | QSOP-20 | Quarter-Size Outline Package (Compact) | | **Operating Temp** | -40°C to +85°C | Industrial temperature grade | --- ### ## 3. Pin Configuration (QSOP-20) The device is partitioned into two sets of 4-bit channels. | Pin Names | Function | | :--- | :--- | | **$\overline{OE}_1, \overline{OE}_2$** | Active-Low Output Enables | | **$A_1 - A_8$** | Data Inputs/Outputs (Port A) | | **$B_1 - B_8$** | Data Inputs/Outputs (Port B) | | **$V_{CC}$** | Power Supply | | **GND** | Ground | --- ### ## 4. Applications and Use Cases * **Bus Isolation:** Isolating a CPU from a peripheral bus to reduce capacitive loading. * **Voltage Level Shifting:** When used with a diode on the $V_{CC}$ pin, it can facilitate 5V to 3.3V translation. * **Hot-Plugging:** Protecting sensitive circuitry during live insertions of cards or modules. * **Signal Multiplexing:** Directing data paths between different memory banks or controllers. --- ### ## 5. Features and Benefits 1. **Zero Propagation Delay:** Because it acts as a simple FET switch when closed, it adds virtually no timing delay to the circuit. 2. **Low Power Consumption:** Uses CMOS technology to maintain low static power dissipation. 3. **High Speed:** Ideal for modern high-frequency bus architectures where signal integrity is critical.
    ✨ Follow-up Questions
    • ⤷ How does the FST3244 handle 5V to 3.3V level shifting?
    • ⤷ What are the specific thermal characteristics of the QSOP-20 package?
    • ⤷ Can the FST3244 be used for bidirectional data transmission?