FST3245
AI

## FST3245: 8-Bit Bus Switch
The **FST3245** is a high-speed CMOS 8-bit bus switch. It is primarily used in digital systems to connect or isolate two different signal buses with minimal delay and no added propagation noise.
---
### 1. Key Technical Specifications
Below are the typical electrical characteristics of the FST3245:
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | FST (Bus Switch) |
| **Number of Channels** | 8-Bit (Octal) |
| **Supply Voltage ($V_{CC}$)** | 4.0V to 5.5V |
| **On-State Resistance ($R_{ON}$)** | 4$\Omega$ (Typical) to 7$\Omega$ (Max) |
| **Propagation Delay** | $\le$ 0.25 ns |
| **Control Logic** | Active-Low Output Enable ($\overline{OE}$) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Pin Configuration and Functions
The device is usually housed in SOIC, QSOP, or TSSOP packages.
* **A0 - A7:** Bus A Input/Output ports.
* **B0 - B7:** Bus B Input/Output ports.
* **$\overline{OE}$ (Output Enable):** Control pin. When LOW, the switch is closed (connected). When HIGH, the switch is open (high-impedance).
* **VCC:** Power supply.
* **GND:** Ground.
---
### 3. Core Functional Principles
#### A. Zero Propagation Delay
Unlike a buffer (e.g., 74HC245), a bus switch like the FST3245 does not have a regenerative drive. It acts as a very low-resistance wire. Because it does not re-clock or re-drive the signal, it introduces almost zero timing delay to the system.
#### B. Bidirectional Flow
Since the internal structure is a simple N-channel MOSFET switch, data can flow from **A to B** or **B to A** automatically without a direction control pin (DIR).
#### C. Voltage Translation (Level Shifting)
The FST3245 can be used for 5V to 3.3V translation. By lowering the $V_{CC}$ slightly or using the diode drop characteristic of the internal NMOS pass transistor, it can limit the output voltage to prevent damaging lower-voltage downstream components.
---
### 4. Common Applications
* **Hot-Plugging:** Protecting sensitive circuitry by isolating the bus during live insertion.
* **Bus Isolation:** Separating high-capacitance loads from a CPU bus to maintain signal integrity.
* **Voltage Level Shifting:** Interfacing 5V legacy logic with 3.3V modern microcontrollers.
* **Memory Interleaving:** Switching between two different banks of RAM or Flash.
---
### 5. Truth Table
| $\overline{OE}$ Input | A Port | B Port | Function |
| :---: | :---: | :---: | :--- |
| **L** | H or L | H or L | **Connect** (A = B) |
| **H** | Z | Z | **Disconnect** (High-Z) |
---
- ⤷
What is the main difference between an FST3245 bus switch and a 74HC245 buffer?
- ⤷ How does the FST3245 perform 5V to 3.3V level translation?
- ⤷ What are the limitations of using a bus switch for high-speed signal routing?