FST3245QSC
AI

## Technical Overview of FST3245QSC
The **FST3245QSC** is a high-performance, 8-bit, low-resistance bus switch manufactured by Fairchild Semiconductor (now part of ON Semiconductor). It is designed to provide high-speed switching and level translation between different voltage nodes.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | FST (Bus Switch) |
| **Number of Bits** | 8-Bit (Octal) |
| **Supply Voltage (Vcc)** | 4.0V to 5.5V |
| **On-State Resistance (Ron)** | ~4Ω (Typical) |
| **Propagation Delay** | 0.25ns (Maximum) |
| **Package Type** | QSOP-20 (Quarter Size Outline Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Description
The device consists of eight high-speed N-channel MOSFET switches organized in a single block.
* **Switching Mechanism:** When the Output Enable (`/OE`) pin is **Low**, the switches are closed, connecting the A-port to the B-port. When `/OE` is **High**, the ports are in a high-impedance (Hi-Z) state.
* **Zero Propagation Delay:** Unlike standard logic buffers, the FST3245 acts as a wire when closed. It does not regenerate the signal, meaning it adds virtually zero timing skew.
* **Level Translation:** Because it is an N-Channel switch, it can be used for voltage translation (e.g., converting 5V signals to 3.3V levels) when a diode or specific biasing is used on the Vcc line.
---
### 3. Pin Configuration (QSOP-20)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | /OE | Output Enable (Active Low) |
| 2-9 | A0 - A7 | Port A Inputs/Outputs |
| 10 | GND | Ground |
| 11-18 | B7 - B0 | Port B Inputs/Outputs |
| 19 | NC | No Connect |
| 20 | Vcc | Power Supply |
---
### 4. Typical Applications
* **Bus Isolation:** Isolating a CPU from a heavily loaded bus to improve signal integrity.
* **Hot-Swapping:** Protecting sensitive circuitry during "live" insertion of cards.
* **Voltage Translation:** Interfacing 5V legacy components with 3.3V modern controllers.
* **Memory Interleaving:** Routing data lines between different memory banks.
---
### 5. Truth Table
```markdown
| /OE Input | A-Port / B-Port State |
| :---: | :---: |
| L | A = B (Connected) |
| H | Z (Disconnected/High-Z) |
```
- ⤷
How does the FST3245 achieve level translation between 5V and 3.3V?
- ⤷ What are the advantages of using a bus switch over a standard 74-series buffer?
- ⤷ Is the FST3245 bidirectional or unidirectional?