Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST327

  • AI
    The **FST327** is a specialized high-speed CMOS bus switch, typically manufactured by companies like ON Semiconductor (formerly Fairchild). It is designed to facilitate high-speed data switching while maintaining minimal signal distortion and propagation delay. --- ### ## 1. Key Specifications The FST327 is technically categorized as a **24-Bit to 12-Bit Multiplexer/Demultiplexer Bus Switch**. | Parameter | Specification | | :--- | :--- | | **Logic Family** | FST (Fast Switch Technology) | | **Voltage Range** | 4.0V to 5.5V | | **On-Resistance ($R_{on}$)** | Typical 4Ω | | **Propagation Delay** | < 0.25 ns (Negligible) | | **Package Types** | TSSOP, TVSOP | | **Operating Temp** | -40°C to +85°C | --- ### ## 2. Core Electronic Components & Architecture The device consists of three main internal segments that define its operation: 1. **N-Channel FET Switches:** The heart of the FST327 is a series of N-channel MOSFETs. Unlike standard logic gates, these act as "solid-state relays" that physically connect or disconnect two pins. 2. **Control Logic:** CMOS logic gates process the Select (S) and Output Enable ($\overline{OE}$) signals to determine which path is active. 3. **Undershoot Hardening:** The device includes circuitry to prevent "latch-up" or data errors if signals dip below ground potential (-2.0V). --- ### ## 3. Pin Configuration and Logic The FST327 operates as a 2:1 multiplexer across 12 channels simultaneously. #### **Logic Table** | $\overline{OE}$ | S | Function | | :--- | :--- | :--- | | L | L | A Port = B1 Port | | L | H | A Port = B2 Port | | H | X | Disconnect (Hi-Z) | --- ### ## 4. Technical Advantages * **Near-Zero Delay:** Because the switch acts as a low-resistance wire when closed, there is virtually no propagation delay added to the signal path. * **Bidirectional Flow:** Signals can flow from A to B or B to A without any configuration changes. * **Low Power Consumption:** Since it does not drive the signal (it only switches it), the static power consumption is extremely low ($I_{CC} < 10\mu A$). --- ### ## 5. Common Applications * **Memory Interleaving:** Switching between two different banks of SDRAM or Flash memory. * **Bus Isolation:** Hot-swapping components by isolating the main system bus from a peripheral. * **Signal Level Shifting:** Often used in systems where 5V signals need to interface with 3.3V logic (though specific voltage clamping depends on the specific variant).
    ✨ Follow-up Questions
    • ⤷ How does the on-resistance of the FST327 affect signal integrity in high-speed circuits?
    • ⤷ Can the FST327 be used for bidirectional level shifting between 3.3V and 5V?
    • ⤷ What is the difference between the FST327 and a standard 74HC series multiplexer?