Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST32X

  • AI
    The **FST32X** series refers to a family of high-speed CMOS bus switches, typically utilized for high-performance signal switching and level translation. These parts are part of the "Fast Switch Technology" (FST) family, designed to provide minimal propagation delay and zero-impedance-like performance. --- ### 1. Key Features The FST32X series is characterized by its ability to connect or isolate signal paths without adding significant capacitance or resistance. | Feature | Description | | :--- | :--- | | **Propagation Delay** | Near-zero (typically < 0.25ns) | | **Switch Resistance** | Low ON-resistance (typically 4Ω to 8Ω) | | **Control Logic** | Standard TTL/CMOS compatible inputs | | **Isolation** | High OFF-state isolation and low crosstalk | | **Voltage Range** | Typically operates between 4.0V to 5.5V (standard versions) | --- ### 2. Functional Architecture Most FST32X devices (such as the FST3257 or FST3244) function as multiplexers/demultiplexers or simple bus-exchange switches. * **Bus Switch Element:** Uses an N-channel MOSFET as the switching element. When the switch is enabled (Output Enable / OE is low), the drain and source are connected. * **No Active Buffering:** Unlike standard logic gates, these do not regenerate the signal; they act as a "solid-state wire." * **Bi-directional:** Because they are passive FET switches, data can flow in either direction (A to B or B to A). --- ### 3. Common Applications The FST32X series is widely used in systems where speed and signal integrity are critical: 1. **Bus Isolation:** Isolating a loaded bus from the CPU to reduce capacitive loading. 2. **Level Translation:** By limiting the supply voltage ($V_{CC}$) and using the natural threshold of the FET, these chips can translate 5V signals down to 3.3V levels. 3. **Hot-Plugging:** Protecting circuitry during live insertion of cards or modules. 4. **Memory Interleaving:** Switching between different banks of memory at high speeds. --- ### 4. Technical Specifications (General) ```c // Example Pinout Logic for a 4-Bit Bus Switch (FST3244 style) // OE = Output Enable (Active Low) // A = Input/Output Port A // B = Input/Output Port B if (OE == LOW) { Port_A = Port_B; // Low resistance connection } else { Port_A = High_Z; // High impedance isolation Port_B = High_Z; } ``` --- ### 5. Popular Variants * **FST3257:** Quad 2:1 Multiplexer/Demultiplexer. * **FST3244:** Octal Bus Switch with 3-state outputs. * **FST3245:** 8-bit Bus Switch with specific pinouts for easy PCB routing.
    ✨ Follow-up Questions
    • ⤷ How do FST32X switches handle level translation between 5V and 3.3V?
    • ⤷ What is the difference between a standard logic buffer and an FST bus switch?
    • ⤷ Can FST32X devices be used for analog signal switching?