Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FST3306

  • AI
    ## Overview of the FST3306 The **FST3306** is a high-speed CMOS low-voltage **2-bit bus switch**. It is designed to connect two ports (A and B) with minimal propagation delay and extremely low "ON" resistance. It is commonly used in digital systems for signal isolation, voltage level translation, and multiplexing. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the FST3306: | Parameter | Value / Range | | :--- | :--- | | **Logic Family** | FST (Bus Switch) | | **Supply Voltage ($V_{CC}$)** | 4.0V to 5.5V | | **ON Resistance ($R_{on}$)** | 4Ω (Typical) | | **Propagation Delay** | < 0.25 ns | | **Control Input** | Active Low (OE) | | **Pin Count** | 8-pin (SOIC, TSSOP, MSOP) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The device consists of two independent switches. Each switch has an individual Output Enable (**$\overline{OE}$**) pin. * **Logic High on $\overline{OE}$:** The switch is **OFF**. The A and B ports are in a high-impedance (Hi-Z) state, isolating the two buses. * **Logic Low on $\overline{OE}$:** The switch is **ON**. Port A is connected to Port B, allowing bidirectional data flow. #### Internal Architecture The FST3306 utilizes an N-channel MOSFET as the switching element. Because it is a simple FET switch rather than a buffer/driver, it does not generate its own output voltage; it simply passes the signal from one side to the other. --- ### 3. Pin Configuration The FST3306 typically comes in an 8-pin package: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **$1\overline{OE}$** | Output Enable for Switch 1 (Active Low) | | 2 | **1A** | Port A, Switch 1 | | 3 | **2A** | Port A, Switch 2 | | 4 | **GND** | Ground | | 5 | **2B** | Port B, Switch 2 | | 6 | **$2\overline{OE}$** | Output Enable for Switch 2 (Active Low) | | 7 | **1B** | Port B, Switch 1 | | 8 | **$V_{CC}$** | Power Supply | --- ### 4. Common Applications * **Voltage Level Translation:** By adding a diode in series with $V_{CC}$ or using a specific supply voltage, it can translate 5V signals down to 3.3V. * **Bus Isolation:** Used to disconnect components from a shared bus to reduce capacitive loading or prevent data collisions. * **Hot-Plugging:** Protects sensitive circuitry when modules are added or removed while the system is powered. * **High-Speed Multiplexing:** Ideal for routing high-speed digital signals due to the sub-nanosecond delay. --- ### 5. Implementation Example Here is a conceptual representation of how to enable a channel: ```c // Pseudo-code logic for controlling FST3306 if (data_transfer_needed) { digitalWrite(OE_PIN, LOW); // Close the switch (Connect A to B) } else { digitalWrite(OE_PIN, HIGH); // Open the switch (Isolate A from B) } ```
    ✨ Follow-up Questions
    • ⤷ How does the FST3306 achieve such low propagation delay compared to standard buffers?
    • ⤷ Can the FST3306 be used for analog signal switching?
    • ⤷ What is the difference between the FST3306 and the SN74CBT3306?