AI

## Overview of the FST3306MTC
The **FST3306MTC** is a high-speed CMOS low-resistance **2-bit bus switch**. It is designed to facilitate high-speed signals with minimal propagation delay and low "on" resistance. It is commonly used in digital systems for bus isolation, level shifting, and signal multiplexing.
---
### Key Technical Specifications
The following table highlights the primary electrical characteristics of the FST3306MTC:
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | 2-Bit Bus Switch |
| **Operating Voltage ($V_{CC}$)** | 4.0V to 5.5V |
| **On Resistance ($R_{ON}$)** | Typically 4Ω at 5.0V |
| **Propagation Delay** | < 0.25 ns (Negligible) |
| **Package Type** | TSSOP-8 (MTC Suffix) |
| **Input/Output Capacitance** | 6pF (Typical) |
| **Control Logic** | Independent Active Low Output Enable ($\overline{OE}$) |
---
### Pin Configuration and Functionality
The device consists of two independent switches. Each switch is controlled by its respective Output Enable pin.
| Pin Number | Name | Description |
| :---: | :--- | :--- |
| 1, 7 | $\overline{OE}_1, \overline{OE}_2$ | Switch Enable (Active Low) |
| 2, 3 | $A_1, B_1$ | Port A and B for Switch 1 |
| 5, 6 | $A_2, B_2$ | Port A and B for Switch 2 |
| 4 | GND | Ground |
| 8 | $V_{CC}$ | Power Supply |
---
### Core Electronic Characteristics
1. **Zero Propagation Delay:** Because the device acts as a simple FET switch when closed, it does not add significant delay or phase shift to the signal, making it ideal for high-speed data buses.
2. **Bi-directional Data Flow:** Once the switch is enabled ($\overline{OE}$ is Low), data can flow from A to B or B to A without restriction.
3. **Low ON Resistance:** The internal MOSFETs are designed to provide a very low resistance path (approx. 4Ω), which minimizes voltage drops across the switch.
4. **Voltage Level Shifting:** By adjusting the $V_{CC}$ and using external resistors, these switches can be used for 5V to 3.3V translation.
---
### Typical Applications
* **Bus Isolation:** Separating high-capacitance bus segments to improve signal integrity.
* **Hot-Swapping:** Protecting sensitive logic components during live insertion of circuit boards.
* **Memory Interleaving:** Fast switching between different memory banks.
* **Level Translation:** Interfacing between logic components operating at different voltage levels.
- ⤷
How does the FST3306 handle 5V to 3.3V level translation?
- ⤷ What are the specific advantages of the TSSOP-8 package for this device?
- ⤷ What happens to the signal when the OE pin is driven High?